Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7891 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7891
Description  LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7891 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7891_15 Datasheet HTML 8Page - Analog Devices AD7891_15 Datasheet HTML 9Page - Analog Devices AD7891_15 Datasheet HTML 10Page - Analog Devices AD7891_15 Datasheet HTML 11Page - Analog Devices AD7891_15 Datasheet HTML 12Page - Analog Devices AD7891_15 Datasheet HTML 13Page - Analog Devices AD7891_15 Datasheet HTML 14Page - Analog Devices AD7891_15 Datasheet HTML 15Page - Analog Devices AD7891_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD7891
–12–
REV. D
CIRCUIT DESCRIPTION
Reference
The AD7891 contains a single reference pin labeled REF OUT/
REF IN that either provides access to the part’s own 2.5 V
internal reference or to which an external 2.5 V reference can be
connected to provide the reference source for the part. The part
is specified with a 2.5 V reference voltage. Errors in the reference
source result in gain errors in the transfer function of the AD7891
and add to the specified full-scale errors on the part. They also
result in an offset error injected into the attenuator stage.
The AD7891 contains an on-chip 2.5 V reference. To use this
reference as a reference source for the AD7891, simply connect
a 0.1
mF disc ceramic capacitor from the REF OUT/REF IN pin
to REFGND. REFGND should be connected to AGND or the
analog ground plane. The voltage that appears at the REF OUT/
REF IN pin is internally buffered before being applied to the
ADC. If this reference is required for use external to the AD7891,
it should be buffered since the part has a FET switch in series
with the reference, resulting in a source impedance for this
output of 2 k
W nominal. The tolerance of the internal reference
is
±10 mV at 25∞C with a typical temperature coefficient of
25 ppm/
∞C and a maximum error over temperature of ±20 mV.
If the application requires a reference with a tighter tolerance
or if the AD7891 needs to be used with a system reference, an
external reference can be connected to the REF OUT/REF IN
pin. The external reference overdrives the internal reference
and thus provides the reference source for the ADC. The refer-
ence input is buffered before being applied to the ADC and
the maximum input current is
±100 mA. Suitable reference for
the AD7891 include the AD580, the AD680, the AD780, and
the REF43 precision 2.5 V references.
Analog Input Section
The AD7891 is offered as two part types: the AD7891-1 where
each input can be configured to have a
±10 V or a ±5 V input
range, and the AD7891-2 where each input can be configured
to have a 0 V to +2.5 V, 0 V to +5 V, and
±2.5 V input range.
AD7891-1
Figure 5 shows the analog input section of the AD7891-1. Each
input can be configured for
±5 V or ±10 V operation. For 5 V
operation, the VINXA and VINXB inputs are tied together and the
input voltage is applied to both. For
±10 V operation, the VINXB
input is tied to AGND and the input voltage is applied to the
VINXA input. The VINXA and VINXB inputs are symmetrical and
fully interchangeable. Therefore, for ease of PCB layout on the
±10 V range, the input voltage may be applied to the VINXB
input while the VINXA input is tied to AGND.
30k
VINXA
VINXB
AGND
TO
MULTIPLEXER
AD7891-1
2k
REF OUT/REF IN
TO ADC
REFERENCE CIRCUITRY
7.5k
30k
15k
2.5V
REFERENCE
Figure 5. AD7891-1 Analog Input Structure
The input resistance for the
±5 V range is typically 20 kW. For
the
±10 V input range, the input resistance is typically 34.3 kW.
The resistor input stage is followed by the multiplexer, which is
followed by the high input impedance stage of the track/hold
amplifier.
The designed code transitions take place midway between suc-
cessive integer LSB values (i.e., 1/2 LSB, 3/2 LSBs, 5/2 LSBs).
LSB size is given by the formula 1 LSB = FS/4096. Therefore, for
the
±5 V range, 1 LSB = 10 V/4096 = 2.44 mV. For the ±10 V
range, 1 LSB = 20 V/4096 = 4.88 mV. Output coding is deter-
mined by the FORMAT bit of the control register. The ideal
input/output code transitions are shown in Table I.
AD7891-2
Figure 6 shows the analog input section of the AD7891-2. Each
input can be configured for input ranges of 0 V to +5 V, 0 V to +2.5 V,
or
±2.5 V. For the 0 V to 5 V input range, the VINXB input is
tied to AGND and the input voltage is applied to the VINXA input.
For the 0 V to 2.5 V input range, the VINXA and VINXB inputs
are tied together and the input voltage is applied to both. For
the
±2.5 V input range, the VINXB input is tied to 2.5 V and
the input voltage is applied to the VINXA input. The 2.5 V source
must have a low output impedance. If the internal reference on
the AD7891 is used, it must be buffered before being applied to
VINXB. The VINXA and VINXB inputs are symmetrical and fully
interchangeable. Therefore, for ease of PCB layout on the 0 V to +5 V
or
±2.5 V range, the input voltage may be applied to the VINXB
input, while the VINXA input is tied to AGND or 2.5 V.
1.8k
VINXA
VINXB
AGND
TO
MULTIPLEXER
AD7891-2
2k
REF OUT/REF IN
TO ADC
REFERENCE
CIRCUITRY
1.8k
2.5V
REFERENCE
Figure 6. AD7891-2 Analog Input Structure
The input resistance for both the 0 V to +5 V and
±2.5 V ranges
is typically 3.6 k
W. When an input is configured for 0 V to 2.5 V
operation, the input is fed into the high impedance stage of the
track/hold amplifier via the multiplexer and the two 1.8 k
W
resistors in parallel.
The designed code transitions occur midway between successive
integer LSB values (i.e., 1/2 LSB, 3/2 LSBs, 5/2 LSBs). LSB size
is given by the formula 1 LSB = FS/4096. Therefore, for the 0 V
to 5 V range, 1 LSB = 5 V/4096 = 1.22 mV, for the 0 V to 2.5 V
range, 1 LSB = 2.5 V/4096 = 0.61 mV, and for the
±2.5 V range,
1 LSB = 5 V/4096 = 1.22 mV. Output coding is determined by
the FORMAT bit in the control register. The ideal input/output
code transitions for the
±2.5 V range are shown in Table I. The
ideal input/output code transitions for the 0 V to 5 V range and
the 0 V to 2.5 V range are shown in Table II.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com