Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7891 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7891
Description  LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7891 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7891_15 Datasheet HTML 12Page - Analog Devices AD7891_15 Datasheet HTML 13Page - Analog Devices AD7891_15 Datasheet HTML 14Page - Analog Devices AD7891_15 Datasheet HTML 15Page - Analog Devices AD7891_15 Datasheet HTML 16Page - Analog Devices AD7891_15 Datasheet HTML 17Page - Analog Devices AD7891_15 Datasheet HTML 18Page - Analog Devices AD7891_15 Datasheet HTML 19Page - Analog Devices AD7891_15 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD7891
–19–
REV. D
Effective Number of Bits
The formula for signal-to-(noise + distortion) ratio (see Terminology
section) is related to the resolution or number of bits of the
converter. Rewriting the formula gives a measure of performance
expressed in effective number of bits (ENOB).
ENOB
SNR
=-
()
176
602
./ .
where SNR is the signal-to-(noise + distortion) ratio.
The effective number of bits for a device can be calculated from
its measured SNR. Figure 20 shows a typical plot of effective
number of bits versus frequency for the AD7891-1 and the
AD7891-2 from dc to 200 kHz. The sampling frequency is
500 kHz. The AD7891-1 inputs were configured for
±10 V
operation. The AD7891-2 inputs were configured for 0 to 5 V
operation. The AD7891-1 plot only goes to 100 kHz as a
±10 V sine wave of sufficient quality was unavailable at higher
frequencies.
Figure 20 shows that the AD7891-1 converts an input sine wave of
100 kHz to an effective number of bits of 11 which equates to a
signal-to-(noise + distortion) level of 68.02 dBs. The AD7891-2
converts an input sine wave of 200 kHz to an effective number
of bits of 11.07, which equates to a signal-to-(noise + distortion)
level of 68.4 dBs.
FREQUENCY – kHz
12.0
11.9
11.1
40
80
120
11.5
11.4
11.3
11.2
11.7
11.6
11.8
20
060
100
140
160
180
200
11.0
AD7891-2 ENOB
AD7891-1 ENOB
Figure 20. Effective Number of Bits vs. Frequency
44-Lead Plastic Leaded Chip Carrier [PLCC]
(P-44A)
Dimensions shown in inches and (millimeters)
BOTTOM VIEW
(PINS UP)
6
PIN 1
IDENTIFIER
7
40
39
17
18
29
28
TOP VIEW
(PINS DOWN)
0.656 (16.66)
0.650 (16.51)
SQ
0.048 (1.22)
0.042 (1.07)
0.050
(1.27)
BSC
0.695 (17.65)
0.685 (17.40)
SQ
0.048 (1.22)
0.042 (1.07)
0.021 (0.53)
0.013 (0.33)
0.630 (16.00)
0.590 (14.99)
0.032 (0.81)
0.026 (0.66)
0.180 (4.57)
0.165 (4.19)
0.056 (1.42)
0.042 (1.07)
0.020 (0.51)
MIN
0.120 (3.05)
0.090 (2.29)
0.040 (1.01)
0.025 (0.64)
R
COMPLIANT TO JEDEC STANDARDS MO-047AC
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
OUTLINE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com