Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7891 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7891
Description  LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7891 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7891_15 Datasheet HTML 11Page - Analog Devices AD7891_15 Datasheet HTML 12Page - Analog Devices AD7891_15 Datasheet HTML 13Page - Analog Devices AD7891_15 Datasheet HTML 14Page - Analog Devices AD7891_15 Datasheet HTML 15Page - Analog Devices AD7891_15 Datasheet HTML 16Page - Analog Devices AD7891_15 Datasheet HTML 17Page - Analog Devices AD7891_15 Datasheet HTML 18Page - Analog Devices AD7891_15 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD7891
–15–
REV. D
As in the 8X51 circuit in Figure 7, the way the 68HC11 is
informed that a conversion is completed is not shown in the
diagram. The
EOC line can be used to inform the 68HC11
that a conversion is complete by using it as an interrupt signal.
The interrupt service routine reads in the result of the conver-
sion. If a software conversion start is used, the 68HC11 can
wait for 2.0
ms (AD7891-2) or 2.2 ms (AD7891-1) before read-
ing from the AD7891.
68HC11*
DATA OUT
AD7891*
*ADDITIONAL PINS OMITTED FOR CLARITY
SCLK
DATA IN
RFS
TFS
PC7
PC6
SCK
MOSI
MOSO
Figure 8. AD7891 to 68HC11 Interface
AD7891 to ADSP-21xx Serial Interface
An interface between the AD7891 and the ADSP-21xx is shown
in Figure 9. In the interface shown, either SPORT0 or SPORT1
can be used to transfer data to the AD7891. When reading
from the part, the SPORT must be set up with a serial word
length of 16 bits. When writing to the AD7891, a serial word
length of 6 bits or more can be used. Other setups for the
serial interface on the ADSP-21xx internal SCLK use alternate
framing mode and active low framing signal. Normally, the
EOC line from the AD7891 would be connected to the IRQ2
line of the ADSP-21xx to interrupt the DSP at the end of a
conversion (not shown in diagram).
ADSP-21xx*
DATA OUT
AD7891*
*ADDITIONAL PINS OMITTED FOR CLARITY
SCLK
DATA IN
RFS
TFS
RFS
TFS
SCLK
DT
DR
Figure 9. AD7891 to ADSP-21xx Serial Interface
AD7891 to DSP5600x Serial Interface
Figure 10 shows a serial interface between the AD7891 and the
DSP5600x series of DSPs. When reading from the AD7891, the
DSP5600x should be set up for 16-bit data transfers, MSB first,
normal mode synchronous operation, internally generated word
frame sync, and gated clock. When writing to the AD7891, 8-bit
or 16-bit data transfers can be used. The frame sync signal from
the DSP5600x must be inverted before being applied to the
RFS and TFS inputs of the AD7891, as shown in Figure 10.
To monitor the conversion time of the AD7891, a scheme such
as those outlined in previous interfaces with
EOC can be used.
This can be implemented by connecting the
EOC line directly
to the
IRQA input of the DSP5600x.
DSP5600x*
DATA OUT
AD7891*
*ADDITIONAL PINS OMITTED FOR CLARITY
SCLK
DATA IN
RFS
TFS
FST (SC2)
SCK
STD
SRD
Figure 10. AD7891 to DSP5600x Serial Interface
AD7891 to TMS320xxx Serial Interface
The AD7891 can be interfaced to the serial port of TMS320xxx
DSPs, as shown in Figure 11. External timing generation circuitry
is necessary to generate the serial clock and syncs necessary for
the interface.
TMS320xxx*
DATA OUT
AD7891*
*ADDITIONAL PINS OMITTED FOR CLARITY
SCLK
DATA IN
RFS
TFS
FSX
CLKX
DX
DR
CLKR
FSR
TIMING
GENERATION
CIRCUITRY
Figure 11. AD7891 to TMS320xxx Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com