Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4518BMS Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD4518BMS
Description  CMOS Dual Up Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4518BMS Datasheet(HTML) 4 Page - Intersil Corporation

  CD4518BMS Datasheet HTML 1Page - Intersil Corporation CD4518BMS Datasheet HTML 2Page - Intersil Corporation CD4518BMS Datasheet HTML 3Page - Intersil Corporation CD4518BMS Datasheet HTML 4Page - Intersil Corporation CD4518BMS Datasheet HTML 5Page - Intersil Corporation CD4518BMS Datasheet HTML 6Page - Intersil Corporation CD4518BMS Datasheet HTML 7Page - Intersil Corporation CD4518BMS Datasheet HTML 8Page - Intersil Corporation CD4518BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7-1209
Specifications CD4518BMS, CD4520BMS
Propagation Delay
Clock to Output
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
230
ns
VDD = 15V
1, 2, 3
+25oC
-
160
ns
Propagation Delay
Reset to Output
TPHL2
VDD = 10V
1, 2, 3
+25oC
-
225
ns
VDD = 15V
1, 2, 3
+25oC
-
170
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input
Frequency
FCL
VDD = 10V
1, 2, 3
+25oC
3
-
MHz
VDD = 15V
1, 2, 3
+25oC
4
-
MHz
Maximum Clock Rise and
Fall Time
TRCL
TFCL
VDD = 5V
1, 2, 3, 4
+25oC-
15
µs
VDD = 10V
1, 2, 3, 4
+25oC-
5
µs
VDD = 15V
1, 2, 3, 4
+25oC-
5
µs
Minimum Enable Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
400
ns
VDD = 10V
1, 2, 3
+25oC
-
200
ns
VDD = 15V
1, 2, 3
+25oC
-
140
ns
Minimum Reset Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
250
ns
VDD = 10V
1, 2, 3
+25oC
-
110
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
200
ns
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
70
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. If more than one unit is cascaded, TRCL should be made less than or equal to the sumof the transition time and the fixed propagation
delay of the output of the driving stage for the estimated capacitive load.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC-
25
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage
Delta
∆VTN
VDD = 10V, ISS = -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage
Delta
∆VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com