Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4518BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4518BMS
Description  CMOS Dual Up Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4518BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4518BMS Datasheet HTML 1Page - Intersil Corporation CD4518BMS Datasheet HTML 2Page - Intersil Corporation CD4518BMS Datasheet HTML 3Page - Intersil Corporation CD4518BMS Datasheet HTML 4Page - Intersil Corporation CD4518BMS Datasheet HTML 5Page - Intersil Corporation CD4518BMS Datasheet HTML 6Page - Intersil Corporation CD4518BMS Datasheet HTML 7Page - Intersil Corporation CD4518BMS Datasheet HTML 8Page - Intersil Corporation CD4518BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
7-1206
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
December 1992
CD4518BMS,
CD4520BMS
CMOS Dual Up Counters
Features
• High Voltage Types (20V Rating)
• CD4518BMS Dual BCD Up Counter
• CD4520BMS Dual Binary Up Counter
• Medium Speed Operation
- 6MHz Typical Clock Frequency at 10V
• Positive or Negative Edge Triggering
• Synchronous Internal Carry Propagation
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Standardized Symmetrical Output Characteristics
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Multistage Synchronous Counting
• Multistage Ripple Counting
• Frequency Dividers
Description
CD4518BMS Dual BCD Up Counter and CD4520BMS Dual
Binary Up Counter each consist of two identical, internally
synchronous 4-stage counters. The counter stages are
D-type
flip-flops
having
interchangeable
CLOCK
and
ENABLE lines for incrementing on either the positive-going
or negative-going transition. For single unit operation the
ENABLE input is maintained high and the counter advances
on each positive-going transition of the CLOCK. The
counters are cleared by high levels on their RESET lines.
The counter can be cascaded in the ripple mode by connect-
ing Q4 to the enable input of the subsequent counter while
the CLOCK input of the latter is held low.
The CD4518BMS and CD4520BMS are supplied in these
16-lead outline packages:
Braze Seal DIP
H4S
Frit Seal DIP
H1F
Ceramic Flatpack
*H6P
†H6W
*CD4518B Only
†CD4520B Only
File Number
3342
Pinout
CD4518BMS, CD4520BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CLOCK A
ENABLE A
Q1A
Q2A
Q3A
Q4A
VSS
RESET A
VDD
Q4B
Q3B
Q2B
Q1B
ENABLE B
CLOCK B
RESET B
VSS = 8
VDD = 16
÷10/÷16
C
R
14
5
6
Q1A
Q2A
Q3A
Q4A
RESET A
7
2
CLOCK A
ENABLE A
÷10/÷16
C
R
912
13
14
Q1B
Q2B
Q3B
Q4B
RESET B
15
10
CLOCK B
ENABLE B
3
11


Similar Part No. - CD4518BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4518BM TI-CD4518BM Datasheet
248Kb / 13P
CMOS DUAL UP-COUNTERS
CD4518BM TI-CD4518BM Datasheet
1Mb / 19P
CMOS Dual Up-Counters
CD4518BM TI1-CD4518BM Datasheet
1Mb / 18P
Cmos Dual Up-Counters
CD4518BM TI2-CD4518BM Datasheet
986Kb / 22P
CMOS Dual Up-Counters
Revised March 2004
CD4518BM96 TI-CD4518BM96 Datasheet
248Kb / 13P
CMOS DUAL UP-COUNTERS
More results

Similar Description - CD4518BMS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
Dual Up Counters
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4518B TI-CD4518B Datasheet
248Kb / 13P
CMOS DUAL UP-COUNTERS
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
DUAL UP COUNTERS
logo
List of Unclassifed Man...
SCL4520B ETC1-SCL4520B Datasheet
198Kb / 3P
CMOS DUAL UP COUNTERS
logo
Micro Electronics
MMC4518 MICRO-ELECTRONICS-MMC4518 Datasheet
204Kb / 6P
DUAL UP-COUNTERS
logo
STMicroelectronics
HCC4518B STMICROELECTRONICS-HCC4518B Datasheet
315Kb / 14P
DUAL UP-COUNTERS
Jun-1989
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_06 Datasheet
112Kb / 9P
Dual Up Counters
January, 2006 ??Rev. 5
logo
Texas Instruments
CD4520BPWG4 TI-CD4520BPWG4 Datasheet
1Mb / 19P
CMOS Dual Up-Counters
CD4518B TI1-CD4518B_16 Datasheet
1Mb / 18P
Cmos Dual Up-Counters
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_14 Datasheet
107Kb / 7P
Dual Up Counters
July, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com