Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4518BMS Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4518BMS
Description  CMOS Dual Up Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4518BMS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD4518BMS Datasheet HTML 2Page - Intersil Corporation CD4518BMS Datasheet HTML 3Page - Intersil Corporation CD4518BMS Datasheet HTML 4Page - Intersil Corporation CD4518BMS Datasheet HTML 5Page - Intersil Corporation CD4518BMS Datasheet HTML 6Page - Intersil Corporation CD4518BMS Datasheet HTML 7Page - Intersil Corporation CD4518BMS Datasheet HTML 8Page - Intersil Corporation CD4518BMS Datasheet HTML 9Page - Intersil Corporation CD4518BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
7-1214
CD4518BMS, CD4520BMS
FIGURE 13. RIPPLE CASCADING OF FOUR COUNTERS WITH POSITIVE EDGE TRIGGERING
* For synchronous cascading, the clock transition time should be made less than or equal to the sum of the fixed propagation delay at 15pF
and the transition time of the output driver stage for the estimated capacitive load.
FIGURE 14. SYNCHRONOUS CASCADING OF FOUR BINARY COUNTERS WITH NEGATIVE EDGE TRIGGERING
456
Q1A
Q2A
Q3A
Q4A
RESET
2
CLOCK ENABLE
3
A
A
A
7
1
VDD
12
13
14
Q1B
Q2B
Q3B
Q4B
RESET
10
CLOCK ENABLE
11
B
B
B
15
9
456
Q1A
Q2A
Q3A
Q4A
RESET
2
CLOCK ENABLE
3
A
A
A
7
1
12
13
14
Q1B
Q2B
Q3B
Q4B
RESET
10
CLOCK ENABLE
11
B
B
B
15
9
CD4518BMS/20BMS
CD4518BMS/20BMS
CLOCK
INPUT
456
Q1A
Q2A
Q3A
Q4A
RESET
2
CLOCK ENABLE
3
A
A
A
3
1
12
13
14
Q1B
Q2B
Q3B
Q4B
RESET
10
CLOCK ENABLE
11
B
B
B
15
9
456
Q1A
Q2A
Q3A
Q4A
RESET
2
CLOCK ENABLE
3
A
A
A
3
1
12
13
14
Q1B
Q2B
Q3B
Q4B
RESET
10
CLOCK ENABLE
11
B
B
B
15
9
CD4520BMS
CD4520BMS
CLOCK
*
INPUT
CD4012A
CD4071
CD4071
CD4520BMS
CD4012A
CD4012A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com