Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1871A Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1871A
Description  CMOS Keyboard Encoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1871A Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1871A Datasheet HTML 1Page - Intersil Corporation CDP1871A Datasheet HTML 2Page - Intersil Corporation CDP1871A Datasheet HTML 3Page - Intersil Corporation CDP1871A Datasheet HTML 4Page - Intersil Corporation CDP1871A Datasheet HTML 5Page - Intersil Corporation CDP1871A Datasheet HTML 6Page - Intersil Corporation CDP1871A Datasheet HTML 7Page - Intersil Corporation CDP1871A Datasheet HTML 8Page - Intersil Corporation CDP1871A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4-70
Functional Description of
CDP1871A Terminals
D1 - D11 (Outputs):
Drive lines for the 11 x 8 keyboard switch matrix. These
outputs are connected through the external switch matrix to
the sense lines (S1 - S8).
S1 - S8 (Inputs):
Sense lines for the 11 x 8 keyboard maxtrix. These inputs
have internal pull-down resistors and are driven high by
appropriate drive line when a keyboard switch is closed.
CS1, CS2, CS3, CS4 (Inputs):
Chip select inputs, which are used to enable the three-state
data bus outputs (BUS 0 - BUS 7) and to enable the reset-
ting of the status flag (DA), which occurs on the low-to-high
transition of TPB. These four inputs are normally connected
to the N-lines (N0-N2) and MRD output of the CDP1800-
series microprocessor. (Table 2)
BUS 0 - BUS 7 (Outputs):
Three-state data bus outputs which provide the ASCll and
HEX codes of the detected keys. The outputs are normally
connected to the BUS 0 - BUS 7 terminals of the CDP1800-
series microprocessor.
DA (Output):
The data available output flag which is set low when a valid
key closure is detected. It is reset high by the low-to-high
transition of TPB when data is read from the CDP1871A.
This output is normally connected to a flag input (EF1 - EF4)
of the CDP1800-series microprocessor.
TPB (Input):
The input clock used to drive the scan generator and reset
the status flag (DA). This input is normally connected to the
TPB output of the CDP1800-series microprocessor.
RPT (Output):
The repeat output flag which is used to indicate that a key is
still closed after data has been read from the CDP1871A
(DA = high). It remains low as long as the key is closed and
is used for an autorepeat function, under CPU control. This
output is normally connected to a flag input (EF1 - EF4) of
the CDP1800-series microprocessor.
DEBOUNCE (Input):
This input is connected to the junction of an external resistor
to VDD and capacitor to VSS. It provides a debounce time
delay (t
≅ RC) after the release of a key. If a debounce is not
desired, the external pull-up resistor is still required.
ALPHA, SHIFT, CONTROL (Inputs):
A high on the SHIFT or CONTROL inputs will be internally
latched (after the debounce time) and the drive and sense
line decoding will be modified as shown in Table 3. They are
normally connected to the keyboard, but produce no code by
themselves. The SHIFT and CONTROL inputs have internal
pull-down resistors to simplify use with momentary contact
switches. The ALPHA input is not latched and is designed for
a standard SPDT switch to provide an alpha-lock function.
When ALPHA = 1 the drive and sense line decoding will be
modified as shown in Table 3.
VDD, VSS:
VDD is the positive supply voltage input. VSS is the most
negative supply voltage terminal and is normal connected to
ground.
All
outputs
swing
from
VSS to VDD. The
recommended input voltage swing is from VSS to VDD.
TABLE 1. SWITCH INPUT FUNCTIONS
CONTROL
SHIFT
ALPHA
KEY FUNCTION
0
0
0
Normal
1
X
X
Control
0
1
X
Shift
0
0
1
Alpha
NOTE:
X = Don’t Care
CDP1871A, CDP1871AC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com