Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1871A Datasheet(PDF) 2 Page - Intersil Corporation

Part # CDP1871A
Description  CMOS Keyboard Encoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1871A Datasheet(HTML) 2 Page - Intersil Corporation

  CDP1871A Datasheet HTML 1Page - Intersil Corporation CDP1871A Datasheet HTML 2Page - Intersil Corporation CDP1871A Datasheet HTML 3Page - Intersil Corporation CDP1871A Datasheet HTML 4Page - Intersil Corporation CDP1871A Datasheet HTML 5Page - Intersil Corporation CDP1871A Datasheet HTML 6Page - Intersil Corporation CDP1871A Datasheet HTML 7Page - Intersil Corporation CDP1871A Datasheet HTML 8Page - Intersil Corporation CDP1871A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4-67
CDP1871A, CDP1871AC
FIGURE 1. TYPICAL CDP1800 SERIES MICROPROCESSOR SYSTEM USING THE CDP1871A
FIGURE 2. CDP1871A BLOCK DIAGRAM
0.1
µF
36
VDD
100K
40
DEBOUNCE
CS1,
CS2,
CS3
CS4
TPB
SHIFT
23
24
21
34
CONTROL
ALPHA
39
CONTROL
SHIFT
38
BUS0-BUS7
CONTROL
MRD
D11
D1
ALPHA LOCK
NORMAL
VDD
TPB
N0-N2
37
BUS0-BUS7
CDP1800-SERIES
CPU
CDP1871A
S1
12
S2
13
S3
14
S4
15
S5
16
S6
17
S7
18
S8
19
8 BIT DATA BUS
11
UP TO 11 SETS
OF 8 SWITCHES EACH
1
32
25
CS1
CS2
CS3
21
22
23
24
34
CS4
TPB
CS
CONTROL
LOGIC
KEY
DETECT
36
DEBOUNCE
CX
RX
VDD
RN
F/F
33
DA
35
RPT
STATUS
LATCHES
KEY DOWN
DETECT
1 OF 8
MUX
RPD
RPD
FROM
KEY BOARD
12
19
SENSE
LINES
1
11
TO
KEY BOARD
DRIVE
LINES
DI
DII
37
ALPHA
DECODER/
DRIVERS
II
LATCH
39
SHIFT
38
CONTROL
RPD
RPD
THREE-STAGE
SCAN COUNTER
FIVE-STAGE
SCAN COUNTER
C1-C3
C4-C8
THREE-STATE
OUTPUT
BUFFERS
BUS ENABLE
25
32
BUS 0
BUS 7
40
20
VDD
VSS
SCAN CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com