Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1871A Datasheet(PDF) 7 Page - Intersil Corporation

Part # CDP1871A
Description  CMOS Keyboard Encoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1871A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CDP1871A Datasheet HTML 2Page - Intersil Corporation CDP1871A Datasheet HTML 3Page - Intersil Corporation CDP1871A Datasheet HTML 4Page - Intersil Corporation CDP1871A Datasheet HTML 5Page - Intersil Corporation CDP1871A Datasheet HTML 6Page - Intersil Corporation CDP1871A Datasheet HTML 7Page - Intersil Corporation CDP1871A Datasheet HTML 8Page - Intersil Corporation CDP1871A Datasheet HTML 9Page - Intersil Corporation CDP1871A Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
4-72
Operation
The CDP1871A is made up of two major sections: the
counter/scan-selection logic and the control logic (Figure 2).
The counter and scan-selection logic scans the keyboard
array using the drive lines (D1-D11) and the sense lines (S1-
S8). The outputs of the internal 5-stage scancounter are
conditionally encoded by the ALPHA, SHIFT, and CONTROL
inputs (Table 1, Table 3) and are used to drive the D1-D11
output lines high one at a time. Each D1-D11 output may
drive up to eight keys, which are sampled by the sense line
inputs (S1-S8). The S1-S8 inputs are enabled by the internal
3-stage scancounter.
The control logic interfaces with the CDP1800-series I/O and
timing signals to establish timing and status conditions for
the CDP1871A.
The TPB input clocks the scancounters and is also used to
reset the Data Available output (DA). When a valid keydown
condition is detected on a sense line, the control logic inhib-
its the clock to the scancounters on the next low-to-high tran-
sition of TPB and the DA output is set low. The scancounter
outputs (C1 - C8) represent the ASCII and HEX key codes
and are used to drive the BUS 0 - BUS 7 outputs, which
interface directly to the CDP1800-Series data bus. The BUS
0 - BUS 7 outputs, which are normally three-stated, are
enabled by decoding the CS inputs during a CPU input
instruction (Table 2). The low-to-high transition of TPB during
the input instruction resets the DA output high. Once the DA
output has been reset, it cannot go low again until the
present key is released and a new keydown condition is
detected. (This prevents unwanted repeated keycode out-
puts which may be caused by fast software routines).
After the depressed key is released and the debounce delay
(determined by RX, CX) has occurred, the scan clock inhibit
is removed, allowing the scancounters to advance on the fol-
lowing high-to-low transitions of TPB. This provides an N-key
lockout feature, which prevents the entry of erroneous codes
when two or more keys are pressed simultaneously. The first
key pressed in the scanning order is recognized, while all
other keys pressed are ignored until the first key is released
TABLE 4. HEXIDECIMAL VALUES OF ASCII CHARACTERS
BITS
MSD
b7
00001111
b6
00110011
b5
01010101
b4
b3
b2
b1
HEX
01234567
LSD
0000
0
NUL
DLE
SP
0
@
P
\
p
0001
1
SOH
DC1
!
1
A
Q
a
q
0010
2
STX
DC2
“
2
B
R
b
r
0011
3
ETX
DC3
#
3
C
S
c
s
0100
4
EOT
DC4
$
4
D
T
d
t
0101
5
ENQ
NAK
%
5
E
U
e
u
0110
6
ACK
SYN
&
6
F
V
f
v
0111
7
BEL
ETB
/
7
G
W
g
w
1000
8
BS
CAN
(
8
H
X
h
x
1001
9
HT
EM
)
9
I
Y
i
y
1010
A
LF
SUB
*
:
J
Z
j
z
1011
B
VT
ESC
+
;
K
[
k
{
1100
C
FF
FS
,
<
L
\
l
|
|
1101
D
CR
GS
-
=
M
]
m
}
1110
E
SO
RS
.
>
N
↑
n~
1111
F
SI
US
/
?
O
-
o
DEL
CDP1871A, CDP1871AC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com