Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1855CD Datasheet(PDF) 6 Page - Intersil Corporation

Part # CDP1855CD
Description  8-Bit Programmable Multiply/Divide Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855CD Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CDP1855CD Datasheet HTML 2Page - Intersil Corporation CDP1855CD Datasheet HTML 3Page - Intersil Corporation CDP1855CD Datasheet HTML 4Page - Intersil Corporation CDP1855CD Datasheet HTML 5Page - Intersil Corporation CDP1855CD Datasheet HTML 6Page - Intersil Corporation CDP1855CD Datasheet HTML 7Page - Intersil Corporation CDP1855CD Datasheet HTML 8Page - Intersil Corporation CDP1855CD Datasheet HTML 9Page - Intersil Corporation CDP1855CD Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
4-52
RD/WE - Read/Write Enable (Input):
This signal defines whether the selected register is to be
read from or written to. In 1800 systems use MRD if MDU's
are addressed as I/O devices, MWR is used if MDU's are
addressed as memory devices.
RA2, RA1, RA0 - Register Address (Input):
These input signals define which register is to be read from
or written to. It can be seen in the “CONTROL TRUTH
TABLE” that RA2 can be used as a chip enable. It is identical
to the CE pin, except only CE controls the three-state
C.O./O.F. on the most significant MDU. In 1800 systems use
N lines if MDU's are used as I/O devices, use address lines
or function of address lines if MDU's are used as memory
devices.
Bus 0 - Bus 7 - Bus Lines:
Three-state bi-directional bus for direct interface with
CDP1800 series and other 8-bit microprocessors.
ZR - Z-Right:
See Pin 6.
YR - Y-Right:
See Pin 5.
Cl- Carry In (Input):
This is an input for the carry from the next less significant
MDU. On the least significant MDU it must be high (VDD) on
all others it must be connected to the CO pin of the next less
significant MDU.
CN1, CN0 - Chip Number (Input):
These two input pins are wired high or low to indicate the
MDU position in the cascaded chain. Both are high for the
most significant MDU regardless of how many CDP1855
MDU's are used. Then CN1 = high and CN0 = low for the
next MDU and so forth.
VSS - Ground:
Power supply line.
VDD - V+:
Power supply line.
CONTROL TRUTH TABLE
INPUTS (NOTE 1)
RESPONSE
CE
RA2
(N2)
RA1
(N1)
RA0
(N0)
RD/WE
(MRD)
STB
(TPB)
0
XXXXX
No Action (Bus Floats)
X
0
XXXX
No Action (Bus Floats)
11001
X
X to Bus
Increment Sequence
Counter When STB
and RD = 1
11011
X
Z to Bus
11101
X
Y to Bus
11111
X
Status to Bus
110001
Load X from Bus
Increment Sequence
Counter
110101
Load Z from Bus
111001
Load Y from Bus
111101
Load Control Register
1
1
X
X
0
0
No Action (Bus Floats)
NOTE:
1. ( ) = 1800 System Signals. 1 = High Level, 0 = Low Level, X = High or Low Level.
CDP1855, CDP1855C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com