Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1855CD Datasheet(PDF) 14 Page - Intersil Corporation

Part # CDP1855CD
Description  8-Bit Programmable Multiply/Divide Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855CD Datasheet(HTML) 14 Page - Intersil Corporation

Back Button CDP1855CD Datasheet HTML 7Page - Intersil Corporation CDP1855CD Datasheet HTML 8Page - Intersil Corporation CDP1855CD Datasheet HTML 9Page - Intersil Corporation CDP1855CD Datasheet HTML 10Page - Intersil Corporation CDP1855CD Datasheet HTML 11Page - Intersil Corporation CDP1855CD Datasheet HTML 12Page - Intersil Corporation CDP1855CD Datasheet HTML 13Page - Intersil Corporation CDP1855CD Datasheet HTML 14Page - Intersil Corporation CDP1855CD Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
4-60
Strobe to Data Access
tSA
5
50
200
300
50
200
300
ns
10
25
100
150
-
-
-
ns
Minimum Strobe Width
tSW
5
-
150
225
-
150
225
ns
10
-
75
115
-
-
-
ns
NOTES:
1. Maximum limits of minimum characteristics are the values above which all devices function.
2. Typical values are for TA = 25
oC and nominal voltages.
Dynamic Electrical Specifications At TA = -40 to +85oC, VDD ±5%, tR, tF = 20ns, VIH = 0.7VDD, VIL = 0.3VDD,
CL = 100pF (See Figure 9) (Continued)
(NOTE 1)
PARAMETER
VDD
(V)
LIMITS
UNITS
CDP1855
CDP1855C
MIN
(NOTE 2)
TYP
MAX
MIN
(NOTE 2)
TYP
MAX
Timing Diagrams
FIGURE 7. OPERATION TIMING DIAGRAM
FIGURE 8. WRITE TIMING DIAGRAM
tCLOCK
C.O., YL, YR, ZL, ZR OUT
SHIFT
CLK
(PRESCALER OFF)
CIN, YL, YR, ZL, ZR IN
tCLK 1
tCLK 0
12
9
12
9
tCSH
tPLH, tPHL
tSU
tH
tDH
DIN
RA0-2
STB
RD/WE
CE
CLEAR
tAH
tASU
tDSU
* tWW
tCLR
* WRITE IS OVERLAP OF CE = 1, RD/WE = 0, AND STB = 1.
CDP1855, CDP1855C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com