Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1855CD Datasheet(PDF) 13 Page - Intersil Corporation

Part # CDP1855CD
Description  8-Bit Programmable Multiply/Divide Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855CD Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CDP1855CD Datasheet HTML 7Page - Intersil Corporation CDP1855CD Datasheet HTML 8Page - Intersil Corporation CDP1855CD Datasheet HTML 9Page - Intersil Corporation CDP1855CD Datasheet HTML 10Page - Intersil Corporation CDP1855CD Datasheet HTML 11Page - Intersil Corporation CDP1855CD Datasheet HTML 12Page - Intersil Corporation CDP1855CD Datasheet HTML 13Page - Intersil Corporation CDP1855CD Datasheet HTML 14Page - Intersil Corporation CDP1855CD Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
4-59
Dynamic Electrical Specifications At TA = -40 to +85oC, VDD ±5%, tR, tF = 20ns, VIH = 0.7VDD, VIL = 0.3VDD,
CL = 100pF (See Figure 8)
(NOTE 1)
PARAMETER
VDD
(V)
LIMITS
UNITS
CDP1855
CDP1855C
MIN
(NOTE 2)
TYP
MAX
MIN
(NOTE 2)
TYP
MAX
WRITE CYCLE
Minimum Clear Pulse Width
tCLR
5
-
50
75
-
50
75
ns
10
-
25
40
-
-
-
ns
Minimum Write Pulse Width
tWW
5
-
150
225
-
150
225
ns
10
-
75
115
-
-
-
ns
Minimum Data-In-Setup
tDSU
5
-
-75
0
-
-75
0
ns
10
-
-40
0
-
-
-
ns
Minimum Data-In-Hold
tDH
5
-
50
75
-
50
75
ns
10
-
25
40
-
-
-
ns
Minimum Address to Write
Setup
tASU
5
-
50
75
-
50
75
ns
10
-
25
40
-
-
-
ns
Minimum Address after
Write Hold
tAH
5
-
50
75
-
50
75
ns
10
-
25
40
-
-
-
ns
NOTES:
1. Maximum limits of minimum characteristics are the values above which all devices function.
2. Typical values are for TA = 25
oC and nominal voltages.
Dynamic Electrical Specifications At TA = -40 to +85oC, VDD ±5%, tR, tF = 20ns, VIH = 0.7VDD, VIL = 0.3VDD,
CL = 100pF (See Figure 9)
(NOTE 1)
PARAMETER
VDD
(V)
LIMITS
UNITS
CDP1855
CDP1855C
MIN
(NOTE 2)
TYP
MAX
MIN
(NOTE 2)
TYP
MAX
READ CYCLE
CE to Data Out Active
tCDO
5
-
200
300
-
200
300
ns
10
-
100
150
-
-
-
ns
CE to Data Access
tCA
5
-
300
450
-
300
450
ns
10
-
150
225
-
-
-
ns
Address to Data Access
tAA
5
-
300
450
-
300
450
ns
10
-
150
225
-
-
-
ns
Data Out Hold after CE
tDOH
5
50
150
225
50
150
225
ns
10
25
75
115
-
-
-
ns
Data Out Hold after Read
tDOH
5
50
150
225
50
150
225
ns
10
25
75
115
-
-
-
ns
Read to Data Out Active
tRDO
5
-
200
300
-
200
300
ns
10
-
100
150
-
-
-
ns
Read to Data Access
tRA
5
-
200
300
-
200
300
ns
10
-
100
150
-
-
-
ns
CDP1855, CDP1855C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com