Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1877 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1877
Description  Programmable Interrupt Controller (PIC)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1877 Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1877 Datasheet HTML 1Page - Intersil Corporation CDP1877 Datasheet HTML 2Page - Intersil Corporation CDP1877 Datasheet HTML 3Page - Intersil Corporation CDP1877 Datasheet HTML 4Page - Intersil Corporation CDP1877 Datasheet HTML 5Page - Intersil Corporation CDP1877 Datasheet HTML 6Page - Intersil Corporation CDP1877 Datasheet HTML 7Page - Intersil Corporation CDP1877 Datasheet HTML 8Page - Intersil Corporation CDP1877 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-82
CDP1877,
CDP1877C
Programmable Interrupt Controller (PIC)
Description
The CDP1877 and CDP1877C are programmable 8-level interrupt control-
lers designed for use in CDP1800 series microprocessor systems. They
provide added versatility by extending the number of permissible interrupts
from 1 to N in increments of 8.
When a high to low transition occurs on any of the PIC interrupt lines (IR0 to
IR7), it will be latched and, unless the request is masked, it will cause the
INTERRUPT line on the PIC and consequently the INTERRUPT input on
the CPU to go low.
The CPU accesses the PIC by having interrupt vector register R(1) loaded
with the memory address of the PIC. After the interrupt S3 cycle, this regis-
ter value will appear at the CPU address bus, causing the CPU to fetch an
instruction from the PIC. This fetch cycle clears the interrupt request latch
bit to accept a new high-to-low transition, and also causes the PIC to issue a
long branch instruction (CO) followed by the preprogrammed vector address
written into the PIC’s address registers, causing the CPU to branch to the
address corresponding to the highest priority active interrupt request.
If no other unmasked interrupts are pending, the INTERRUPT output of the
PIC will return high. When an interrupt is requested on a masked interrupt
line, it will be latched but it will not cause the PIC INTERRUPT output to go
low. All pending interrupts, masked and unmasked, will be indicated by a “1”
in the corresponding bit of the status register. Reading of the status register
will clear all pending interrupt request latches.
Several PICs can be cascaded together by connecting the INTERRUPT out-
put of one chip to the CASCADE input of another. Each cascaded PIC pro-
vides 8 additional interrupt levels to the system. The number of units
cascadable depends on the amount of memory space and the extent of the
address decoding in the system.
Interrupts are prioritized in descending order; IR7 has the highest and IR0
has the lowest priority.
The CDP1877 and CDP1877C are functionally identical. They differ in that
the CDP1877 has a recommended operating voltage range of 4V to 10.5V,
and the CDP1877C has a recommended operating voltage range of 4V to
6.5V.
Features
• Compatible with CDP1800 Series
• Programmable Long Branch Vector Address and
Vector Interval
• 8 Levels of Interrupt Per Chip
• Easily Expandable
• Latched Interrupt Requests
• Hard Wired Interrupt Priorities
• Memory Mapped
• Multiple Chip Select Inputs to Minimize Address
Space Requirements
Ordering Information
PACKAGE
TEMP.
RANGE
5V
10V
PKG.
NO.
PDIP
-40oC to
+85oC
CDP1877CE CDP1877E E28.6
March 1997
File Number
1319.2
Pinout
CDP1877, CDP1877C (PDIP)
TOP VIEW
CASCADE
IR7
IR6
IR5
IR4
IR3
IR2
IR1
IR0
TPA
TPB
MWR
MRD
VSS
VDD
BUS 6
BUS 5
BUS 4
BUS 3
BUS 1
CS/Ax
CS/Ay
CS
CS
INT
BUS 7
BUS 2
BUS 0
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Programming Model
PROGRAMMABLE INTERRUPT CONTROLLER (PIC)
BUS 7
BUS 0
PAGE REGISTER
WRITE
ONLY
A15
A14
A13
A12
A11
A10
A9
A8
BUS 7
BUS 0
CONTROL REGISTER
WRITE
ONLY
B7
B6
B5
B4
B3
B2
B1
B0
BUS 7
BUS 0
MASK REGISTER
WRITE
ONLY
M7
M6
M5
M4
M3
M2
M1
M0
BUS 7
BUS 0
STATUS REGISTER
READ
ONLY
S7
S6
S5
S4
S3
S2
S1
S0
BUS 7
BUS 0
POLLING REGISTER
READ
ONLY
P7
P6
P5
P4
P3
P2
P1
P0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CDP1877

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1871 INTERSIL-CDP1871 Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871A INTERSIL-CDP1871A Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871AC INTERSIL-CDP1871AC Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871ACD INTERSIL-CDP1871ACD Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871ACDX INTERSIL-CDP1871ACDX Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
More results

Similar Description - CDP1877

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C59A-2RS OKI-MSM82C59A-2RS Datasheet
186Kb / 28P
PROGRAMMABLE INTERRUPT CONTROLLER
logo
Toshiba Semiconductor
TMP8259AP TOSHIBA-TMP8259AP Datasheet
142Kb / 9P
PROGRAMMABLE INTERRUPT CONTROLLER
TMP82C59A TOSHIBA-TMP82C59A Datasheet
668Kb / 26P
PROGRAMMABLE INTERRUPT CONTROLLER
logo
Intel Corporation
8259A INTEL-8259A Datasheet
325Kb / 24P
PROGRAMMABLE INTERRUPT CONTROLLER
logo
List of Unclassifed Man...
VT82C586A ETC-VT82C586A Datasheet
215Kb / 43P
PIC Integrated Peripheral Controller
logo
Altera Corporation
A8259 ALTERA-A8259 Datasheet
220Kb / 24P
PROGRAMMABLE INTERRUPT CONTROLLER
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
PROGRAMMABLE INTERRUPT CONTROLLER
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
Programmable Interrupt Controller
logo
ATMEL Corporation
XMEGAA ATMEL-XMEGAA_09 Datasheet
5Mb / 445P
Interrupts and Programmable Multi-level Interrupt Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com