Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1854AC/3 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CDP1854AC/3
Description  Programmable Universal Asynchronous Receiver/Transmitter (UART)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1854AC/3 Datasheet(HTML) 4 Page - Intersil Corporation

  CDP1854AC/3 Datasheet HTML 1Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 2Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 3Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 4Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 5Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 6Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 7Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 8Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
5-45
Absolute Maximum Ratings
Thermal Information
DC Supply-Voltage Range, (VDD)
(Voltages Referenced to VSS Terminal)
CDP1854A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5 to +11V
CDP1854AC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5 to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . .-0.5 to VDD + 0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Device Dissipation Per Output Transistor
TA = Full Package-Temperature Range . . . . . . . . . . . . . . 100mW
Operating-Temperature Range (TA)
Package Type D . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Package Type E and Q . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
SBDIP Package . . . . . . . . . . . . . . . . . .
55
15
PDIP Package . . . . . . . . . . . . . . . . . . .
50
N/A
PLCC Package . . . . . . . . . . . . . . . . . .
46
N/A
Maximum Junction Temperature
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150oC
Ceramic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Maximum Storage Temperature Range (TSTG) . . .-65
oC to +150oC
Maximum Lead Temperature (Soldering 10s):
At Distance 1/16
±1/32 inch (1.59 ±0.79mm) . . . . . . . . . . +265oC
NOTE: Printed circuit board mount: 57mm x 57mm minimum area x
1.6mm thick G10 epoxy glass, or equivalent.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Static Electrical Specifications at TA = -40oC to +85oC, Unless Otherwise Noted
PARAMETER
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1854A
CDP1854AC
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
Quiescent Device
Current
IDD
-
0, 5
5
-
0.01
50
-
0.02
200
µA
-
0, 10
10
-
1
200
-
-
-
µA
Output Low Drive
(Sink) Current
(Except pins 24 and
25)
IOL
0.4
0, 5
5
1
2
-
1
2
-
mA
0.5
0, 10
10
2
4
-
-
-
-
mA
Output High Drive
(Source) Current
IOH
4.6
0, 5
5
-0.55
-1.1
-
-0.55
-1.1
-
mA
9.5
0, 10
10
-1.3
-2.6
-
-
-
-
mA
Output Low Drive
(Sink) Current
(Pins 24 and 25)
IOL
0.4
0, 5
5
1.6
3.5
-
1.6
3.5
-
mA
0.5
0, 10
10
3.2
7
-
-
-
-
mA
Output Voltage
Low-Level (Note 2)
VOL
-
0, 5
5
-
0
0.1
-
0
0.1
V
-
0, 10
10
-
0
0.1
-
-
-
V
Output Voltage
High-Level (Note 2)
VOH
-
0, 5
5
4.9
5
-
4.9
5
-
V
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
-
1.5
-
-
1.5
V
0.5, 9.5
-
10
-
-
3
-
-
-
V
Input High Voltage
VIH
0.5, 4.5
-
5
3.5
-
-
3.5
-
-
V
0.5, 9.5
-
10
7
-
-
-
-
-
V
Input Current
IIN
-
0, 5
5
-
-
±1-
-
±1
µA
-
0, 10
10
-
-
±2-
-
-
µA
CDP1854A, CDP1854AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com