Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1854AC/3 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1854AC/3
Description  Programmable Universal Asynchronous Receiver/Transmitter (UART)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1854AC/3 Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1854AC/3 Datasheet HTML 1Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 2Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 3Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 4Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 5Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 6Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 7Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 8Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
5-42
Features
• Two Operating Modes
- Mode 0 - Functionally Compatible with Industry
Types Such as the TR1602A and CDP6402
- Mode 1 - Interfaces Directly with CDP1800-Series
Microprocessors without Additional Components
• Full or Half Duplex Operation
• Parity, Framing and Overrun Error Detection
• Baud Rate
- DC to 200K Bits/s at VDD . . . . . . . . . . . . . . . . . . . . 5V
- DC to 400K Bits/s at VDD . . . . . . . . . . . . . . . . . . . . 10V
• Fully Programmable with Externally Selectable Word
Length (5-8 Bits), Parity Inhibit, Even/Odd Parity, and
1, 1-1/2, or 2 Stop Bits
• False Start Bit Detection
Description
The CDP1854A and CDP1854AC are silicon-gate CMOS
Universal Asynchronous Receiver/Transmitter (UART) cir-
cuits. They are designed to provide the necessary formatting
and control for interfacing between serial and parallel data.
For example, these UARTs can be used to interface between
a peripheral or terminal with serial I/O ports and the 8-bit
CDP1800-series microprocessor parallel data bus system.
The CDP1854A is capable of full duplex operation, i.e.,
simultaneous conversion of serial input data to parallel out-
put data and parallel input data to serial output data.
The CDP1854A UART can be programmed to operate in one
of two modes by using the mode control input. When the
input is high (MODE = 1), the CDP1854A is directly compati-
ble with the CDP1800-series microprocessor system without
additional interface circuitry. When the mode input is low
(MODE = 0), the device is functionally compatible with indus-
try standard UART’s such as the TR1602A and CDP6402. It
is also pin compatible with these types, except that pin 2 is
used for the mode control input.
The CDP1854A and the CDP1854AC are functionally identi-
cal. The CDP1854A has a recommended operating voltage
range of 4V to 10.5V, and the CDP1854AC has a recom-
mended operating voltage range of 4V to 6.5V.
Ordering Information
PACKAGE
TEMP.
RANGE
5V/200K
BAUD
10V/400K
BAUD
PKG.
NO.
PDIP
-40oC to +85oC CDP1854ACE
CDP1854AE
E40.6
Burn-In
CDP1854ACEX
CDP1854AEX
E40.6
PLCC
-40oC to +85oC CDP1854ACQ
CDP1854AQ
N44.65
SBDIP
-40oC to +85oC CDP1854ACD
CDP1854AD
D40.6
Burn-In
CDP1854ACDX
-
D40.6
March 1997
CDP1854A,
CDP1854AC
Programmable Universal Asynchronous
Receiver/Transmitter (UART)
File Number
1193.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CDP1854AC/3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1854AC INTERSIL-CDP1854AC Datasheet
126Kb / 12P
High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854AC3 INTERSIL-CDP1854AC3 Datasheet
126Kb / 12P
High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP1854ACD3 INTERSIL-CDP1854ACD3 Datasheet
126Kb / 12P
High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
More results

Similar Description - CDP1854AC/3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
Intersil Corporation
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
CDP1854A INTERSIL-CDP1854A_1 Datasheet
126Kb / 12P
High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
Universal Asynchronous Receiver Transmitter(UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com