Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1854AC/3 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CDP1854AC/3
Description  Programmable Universal Asynchronous Receiver/Transmitter (UART)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1854AC/3 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CDP1854AC/3 Datasheet HTML 5Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 6Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 7Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 8Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 9Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 10Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 11Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 12Page - Intersil Corporation CDP1854AC/3 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
5-50
in each bit time. The parity bit (if programmed) is checked
and receipt of a valid stop bit is verified. On count 7-1/2 of
the first stop bit, the received data is loaded into the
Receiver Holding Register. If the word length is less than 8
bits, zeros (low output level) are loaded into the unused most
significant bits. If DATA AVAILABLE (DA) has not been reset
by the time the Receiver Holding Register is loaded, the
OVERRUN ERROR (OE) status bit is set. One half clock
period later, the PARITY ERROR (PE) and FRAMlNG
ERROR (FE) status bits become valid for the character in
the Receiver Holding Register. At this time, the Data
Available status bit is also set and the DATA AVAILABLE
(DA) and INTERRUPT (INT) outputs go low, signalling the
microprocessor that a received character is ready. The
microprocessor responds by executing an input instruction.
The UART’s three-state bus drivers are enabled when the
UART is selected (CS1
• CS2 • CS3 = 1) and RD/WR =
high. Status can be read when RSEL = high. Data is read
when RSEL = Iow. When reading data, TPB latches data in
the microprocessor and resets DATA AVAILABLE (DA) in the
UART. The preceding sequence is repeated for each serial
character which is received from the peripheral.
Peripheral Interface
In addition to serial data in and out, four signals are provided
for communication with a peripheral. The REQUEST TO
SEND (RTS) output signal alerts the peripheral to get ready
to receive data. The CLEAR TO SEND (CTS) input signal is
the response, signalling that the peripheral is ready. The
EXTERNAL STATUS (ES) input latches a peripheral status
level, and the PERIPHERAL STATUS INTERRUPT (PSI)
input senses a status edge (high-to-low) and also generates
an interrupt. For example, the modem DATA CARRIER
DETECT line could be connected to the PSI input on the
UART
in
order
to
signal
the
microprocessor
that
transmission failed because of loss of the carrier on the
communications line. The PSI and ES bits are stored in the
Status Register (see Table 2).
TABLE 4. CONTROL REGISTER BIT ASSIGNMENT
BIT
76543210
SIGNAL
TR
BREAK
IE
WLS2
WLS1
SBS
EPE
PI
BIT SIGNAL: FUNCTION
0
PARITY INHIBIT (PI): When set high parity generation and verification are inhibited and the PE Status bit is held low. If parity is
inhibited the stop bit(s) will immediately follow the last data bit on transmission, and EPE is ignored.
1
EVEN PARITY ENABLE (EPE): When set high, even parity is generated by the transmitter and checked by the receiver. When low,
odd parity is selected.
2
STOP BIT SELECT (SBS): See table below.
3
WORD LENGTH SELECT 1 (WLS1): See table below.
4
WORD LENGTH SELECT 2 (WLS2): See table below.
5
INTERRUPT ENABLE (lE): When set high THRE, DA, THRE
• TSRE, CTS, and PSI interrupts are enabled (see Interrupt Conditions,
Table 1).
6
TRANSMlT BREAK (BREAK): Holds SDO low when set. Once the break bit in the control register has been set high, SDO will stay
low until the break bit is reset low and one of the following occurs: CLEAR goes low; CTS goes high; or a word is transmitted. (The
transmitted word will not be valid since there can be no start bit if SDO is already low. SDO can be set high without intermediate
transitions by transmitting a word consisting of all zeros).
7
TRANSMlT REQUEST (TR): When set high, RTS is set low and data transfer through the transmitter is initiated by the initial THRE
interrupt. (When loading the Control Register from the bus, this (TR) bit inhibits changing of other control flip-flops).
BIT 4
WLS2
BIT 3
WLS1
BIT 2
SBS
FUNCTION
0
0
0
5 data bits, 1 stop bit
0
0
1
5 data bits, 1.5 stop bits
0
1
0
6 data bits, 1 stop bit
0
1
1
6 data bits, 2 stop bits
1
0
0
7 data bits, 1 stop bit
1
0
1
7 data bits, 2 stop bits
1
1
0
8 data bits, 1 stop bit
1
1
1
8 data bits, 2 stop bits
CDP1854A, CDP1854AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com