Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DECIMATE Datasheet(PDF) 4 Page - Intersil Corporation

Part # DECIMATE
Description  Decimating Digital Filter Development Software
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DECIMATE Datasheet(HTML) 4 Page - Intersil Corporation

  DECIMATE Datasheet HTML 1Page - Intersil Corporation DECIMATE Datasheet HTML 2Page - Intersil Corporation DECIMATE Datasheet HTML 3Page - Intersil Corporation DECIMATE Datasheet HTML 4Page - Intersil Corporation DECIMATE Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
FIGURE 3. SPECIFICATION MENU
FIGURE 4. SIMULATOR - MAIN MENU
DESIGN MODULE
SIMULATOR MODULE
PROM MODULE
Filter File
Probe Display
Save Cont. Output
Display Mode
HSP43220 DDF FILTER SPECIFICATION
PRES.DAR
HEX
YES
CONTINUOUS
Input Rate
Output Rate
MHz
kHz
Signal Origin
Signal #1
Operator
Signal #2
GENERATED
COSINE
+
GAUSS
Amplitude
1.00
Frequency
5 kHz
Phase
0.00
0.00
0.500000
Mean
StdDev
INPUT SIGNAL SPECIFICATION
:
:
:
:
:
:
:
:
:
:
D
E
C
I
M
A
T
E
33
100
DESIGN
VIEW
ANALYSIS
CONFIG
OSSHELL
ENHANCEMENTS
DDFDES
DDFPROM
DDFSIM
0
0
0
0
0
000000
000000
INIG
R
0
COMB
FIR
Out_selh HIGH
Out_selh LOW
Step Size
Number Samples In
Number Samples Out
1
0
0
HSP43220 DDF SIMULATOR - MAIN
:
:
:
DECIMATE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com