Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DECIMATE Datasheet(PDF) 1 Page - Intersil Corporation

Part # DECIMATE
Description  Decimating Digital Filter Development Software
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DECIMATE Datasheet(HTML) 1 Page - Intersil Corporation

  DECIMATE Datasheet HTML 1Page - Intersil Corporation DECIMATE Datasheet HTML 2Page - Intersil Corporation DECIMATE Datasheet HTML 3Page - Intersil Corporation DECIMATE Datasheet HTML 4Page - Intersil Corporation DECIMATE Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
File Number
3368.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
DECIMATE™ is a trademark of Intersil Corporation.
DECIMATE™
Intersil HSP43220 Decimating Digital Filter
Development Software
Intersil DECIMATE Development Software assists the design
engineer to prototype designs for the Intersil HSP43220
Decimating Digital filter (DDF). Developed specifically for the
DDF, this software consists of three integrated modules:
DDF Design, DDF Simulator and DDF PROM. The Design
module designs a filter from a set of user specifications for
the DDF. The Simulator module models the DDF’s internal
operation. The PROM module uses the device configuration
created by the Design module to build a PROM data file that
can be used to store and download the DDF configuration.
DDF System Design
The DDF consists of two stages: a High Decimation Filter
(HDF) and a Finite Impulse Response (FIR) filter. Together
these provide a unique narrow band, low pass filter. Because of
this unique architecture, special software is required to
configure the device for a given set of filter parameters. This
software uses system level filter parameters (listed below) to
perform the trade off analysis and calculate the values for the
DDF’s Configuration Registers and FIR coefficients.
Design specifications are supplied by the user in terms of:
1. Input sample frequency.
2. Required output sample frequency.
3. Passband signal bandwidth.
4. Transition bandwidth.
5. Amount of attenuation allowed in the passband.
6. Amount of stopband attenuation required for signals
outside of the band of interest.
This information is entered into a menu screen (See Figure
1), providing immediate feedback on the design validity. The
design module calculates the order of the HDF, HDF
decimation required, the FIR input data rate, minimum clock
frequency for the FIR, FIR order and decimation required in
the FIR.
The design module will then generate the FIR filter. Four
different methods are provided for the FIR design:
1. A Standard FIR automatically designed by the module
using the Parks-McClellan method to compute the
coefficients of an equiripple (Chebyshev) filter.
2. Any FIR imported into the Design module from another
FIR design program.
3. A precompensated FIR which is automatically designed
by the module to compensate for the roll-off in the
passband of the HDF frequency response.
4. The FIR may also be bypassed in which case the optimal
HDF is designed from the user specifications.
Frequency response curves are then displayed showing the
resulting responses in the HDF, FIR and for the entire chip
using the given filter design. Figure 2 is a typical display. The
user may save this frequency response data for further
analysis. The design module also creates a report file
documenting the filter design and providing the coefficients
and setup register values for programming the device.
DDF Simulator
The simulator provides an accurate simulation of the device
before any hardware is built. It can be used to simulate any
filter designed with DECIMATE. The simulator takes into
account the fixed point bus widths and pipeline delays for
every element in the DDF.
The simulator provides the user with an input signal which
can be used to stimulate the filter. This signal is created from
the options shown in Table 1. The user can select a pure
step, impulse, cosine, chirp, uniform or Gaussian noise as
the input signal, or a more complex signal can be generated
by combining that data with an option selected from the
Signal #2 column, with the combining operator chosen from
the middle column. The user can also import a signal from
an outside source.
Probes are provided to select specific areas to graphically
display data values, as well as save into data files for further
processing. The DDF Simulator has two levels; the DDF
Simulator Specification Screen and the DDF Simulator Main
Screen.
The Specification Screen (see Figure 3) is used to input the
simulation parameters. The user selects display modes in
either continuous or decimated format and data formats in
either decimal or hexadecimal. The Specification Screen
also provides for selection of the input signal.
The simulator main screen (see Figure 4) defines the
simulator test probes and displays the data values per clock
cycle. The interactive simulator screen consists of the
HSP43220 Block Diagram, test probes and register
TABLE 1.
SIGNAL #1
OPERATION
SIGNAL #2
Step
Step
Impulse
No Operation
Impulse
COSlNE
Add
COSINE
Chirp
Concatenate
Chirp
Uniform Noise
Multiply
Uniform Noise
Gaussian Noise
Gaussian Noise
Imported From Outside
Data Sheet
May 1999


Similar Part No. - DECIMATE

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
DEC-8LR-4 AUREL-DEC-8LR-4 Datasheet
1Mb / 1P
TM Decoder LoRa 4 Dry Contact Output
logo
LEDTRONICS, INC
DEC-A19-0UG-240A LEDTRONICS-DEC-A19-0UG-240A Datasheet
82Kb / 2P
Direct Incandescent Replacement -- Up to 90% Energy Savings A19 DecorLED??Edison Screw Based 30쨘 LED Lamps
DEC1-A19-0BG-014V LEDTRONICS-DEC1-A19-0BG-014V Datasheet
82Kb / 2P
Direct Incandescent Replacement -- Up to 90% Energy Savings A19 DecorLED??Edison Screw Based 30쨘 LED Lamps
DEC1-A19-0BG-024V LEDTRONICS-DEC1-A19-0BG-024V Datasheet
82Kb / 2P
Direct Incandescent Replacement -- Up to 90% Energy Savings A19 DecorLED??Edison Screw Based 30쨘 LED Lamps
DEC1-A19-0BG-120A LEDTRONICS-DEC1-A19-0BG-120A Datasheet
82Kb / 2P
Direct Incandescent Replacement -- Up to 90% Energy Savings A19 DecorLED??Edison Screw Based 30쨘 LED Lamps
More results

Similar Description - DECIMATE

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
Decimating/Interpolating Digital Filter
logo
Intersil Corporation
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
Decimating Digital Filter
March 1999
logo
Freescale Semiconductor...
SDK135 FREESCALE-SDK135 Datasheet
592Kb / 52P
Embedded SDK (Software Development Kit)
logo
Broadcom Corporation.
CALISTO-BCM1500 BOARDCOM-CALISTO-BCM1500 Datasheet
685Kb / 2P
SOFTWARE DEVELOPMENT KIT
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
Decimating Digital Filter
July 2004
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
Decimating Digital Filter
October 10, 2008
logo
Silicon Laboratories
AN673 SILABS-AN673 Datasheet
47Kb / 4P
PRECISION32??SOFTWARE DEVELOPMENT KIT
logo
STMicroelectronics
STREALIZER-II STMICROELECTRONICS-STREALIZER-II Datasheet
50Kb / 4P
STREALIZER-II development software
12-Nov-2010
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
Decimating Digital Filter
Oct 10, 2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com