Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DECIMATE Datasheet(PDF) 3 Page - Intersil Corporation

Part # DECIMATE
Description  Decimating Digital Filter Development Software
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DECIMATE Datasheet(HTML) 3 Page - Intersil Corporation

  DECIMATE Datasheet HTML 1Page - Intersil Corporation DECIMATE Datasheet HTML 2Page - Intersil Corporation DECIMATE Datasheet HTML 3Page - Intersil Corporation DECIMATE Datasheet HTML 4Page - Intersil Corporation DECIMATE Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
FIGURE 2. FREQUENCY DISPLAY
-3.2192
-50.4144
-97.6096
-144.804
-192
0
4e+06
8e+06
1e+07
1e+07
Frequency (Hz)
HDF Frequency Response
FIR Frequency Response
-33.9581
-71.1364
-108.314
-145.493
0
1e+04
2e+04
3e+04
5e+04
Frequency (Hz)
-3.2201
-0.0065
-47.6682
-95.3298
-142.991
-190.653
-238.314
0
10000
20000
30000
40000
50000
System Frequency Response
Frequency (Hz)
DECIMATE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com