Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 4 Page - Intersil Corporation

Part # DG303ABK
Description  TTL-Compatible, CMOS Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG303ABK Datasheet(HTML) 4 Page - Intersil Corporation

  DG303ABK Datasheet HTML 1Page - Intersil Corporation DG303ABK Datasheet HTML 2Page - Intersil Corporation DG303ABK Datasheet HTML 3Page - Intersil Corporation DG303ABK Datasheet HTML 4Page - Intersil Corporation DG303ABK Datasheet HTML 5Page - Intersil Corporation DG303ABK Datasheet HTML 6Page - Intersil Corporation DG303ABK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-4
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range,
VANALOG
IS = 10mA, VIN = 0.8V or 4V
-15
-
15
-15
-
15
V
Drain-Source ON
Resistance, rDS(ON)
VIN = 0.8V or
VIN = 4.0V
IS = -10mA,
VD = 10V
-
30
50
-
30
50
Ω
IS = 10mA,
VD = -10V
-
30
50
-
30
50
Ω
Source OFF Leakage
Current, IS(OFF)
VIN = 0.8V or
VIN = 4.0V
VS = 14V,
VD = -14V
-
0.1
1
-
0.1
5
nA
VS = -14V,
VD = 14V
-1
-0.1
-
-5
-0.1
-
nA
Drain OFF Leakage
Current, ID(OFF)
VIN = 0.8V or
VIN = 4.0V
VS = -14V,
VD = 14V
-
0.1
1
-
0.1
5
nA
VS = 14V,
VD = -14V
-1
-0.1
-
-5
-0.1
-
nA
Channel ON Leakage
Current, ID(ON)
VIN = 0.8V or
VIN = 4.0V
VD = VS = 14V
-
0.1
1
-
0.1
5
nA
VD = VS = -14V
-2
-0.1
-
-5
-0.1
-
nA
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
VIN = 4V (One Input)
(All Others = 0)
-
0.23
0.5
-
0.23
0.5
mA
Negative Supply Current, I-
-10
-0.001
-
-10
-0.001
-
µA
Positive Supply Current, I+
VIN = 0.8V (All Inputs)
-
0.001
10
-
0.001
10
µA
Negative Supply Current, I-
-10
-0.001
-
-10
-0.001
-
µA
Electrical Specifications
V+ = +15V, V- = -15V, GND = 0V, TA = 25
oC (Continued)
PARAMETER
TEST CONDITIONS
“A” SUFFIX
“B” AND “C” SUFFIX
UNITS
MIN
(NOTE 3)
TYP
MAX
MIN
(NOTE 3)
TYP
MAX
Electrical Specifications
V+ = +15V, V- = -15V, GND = 0V, TA = Full Temperature Range
PARAMETER
TEST CONDITION
“A” SUFFIX
“B” AND “C” SUFFIX
UNITS
MIN
(NOTE 3)
TYP
MAX
MIN
(NOTE 3)
TYP
MAX
DIGITAL INPUT CHARACTERISTICS
Input Current with Voltage
High, IIH
VIN = 5.0V
-1
-
-
-
-
-
µA
VIN = 15.0V
-
-
1
-
-
-
µA
Input Current with Voltage
Low, IIL
VIN = 0V
-1
-
-
-
-
-
µA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range,
VANALOG
IS = 10mA, VIN = 0.8V or 4V
-15
-
15
-
-
-
V
Drain-Source ON
Resistance, rDS(ON)
VIN = 0.8V or
VIN = 4.0V
IS = -10mA,
VD = 10V
-
-
75
-
-
-
Ω
IS = 10mA,
VD = -10V
-
-
75
-
-
-
Ω
Source OFF Leakage
Current, IS(OFF)
VIN = 0.8V or
VIN = 4.0V
VS = 14V,
VD = -14V
-
-
100
-
-
-
nA
VS = -14V,
VD = 14V
-100
-
-
-
-
-
nA
DG300A, DG301A, DG303A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com