Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 3 Page - Intersil Corporation

Part # DG303ABK
Description  TTL-Compatible, CMOS Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG303ABK Datasheet(HTML) 3 Page - Intersil Corporation

  DG303ABK Datasheet HTML 1Page - Intersil Corporation DG303ABK Datasheet HTML 2Page - Intersil Corporation DG303ABK Datasheet HTML 3Page - Intersil Corporation DG303ABK Datasheet HTML 4Page - Intersil Corporation DG303ABK Datasheet HTML 5Page - Intersil Corporation DG303ABK Datasheet HTML 6Page - Intersil Corporation DG303ABK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-3
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44.0V
V- to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
Digital Inputs, VS, VD (Note 1) . . . . . . . . . . . . . (V-) - 2V to (V+) + 2V
or 30mA, Whichever Occurs First
Continuous Current, (Any Terminal). . . . . . . . . . . . . . . . . . . . . 30mA
Peak Current, S or D (Pulsed 1ms, 10% Duty Cycle Max) . . 100mA
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±15V
Temperature Range
“A” Suffix. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
“B” Suffix. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to 85oC
“C” Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8V (Max)
Input High Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0V (Min)
Input Rise and Fall Time . . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤20ns
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . .
100
N/A
PDIP Package . . . . . . . . . . . . . . . . . . .
100
N/A
CERDIP Package . . . . . . . . . . . . . . . . .
75
20
Maximum Junction Temperature
Hermetic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering, 10s). . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Signals on SX, DX or INX exceeding V+ or V- will be clamped by internal diodes. Limit diode forward current to maximum current ratings.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
V+ = +15V, V- = -15V, GND = 0V, TA = 25
oC
PARAMETER
TEST CONDITIONS
“A” SUFFIX
“B” AND “C” SUFFIX
UNITS
MIN
(NOTE 3)
TYP
MAX
MIN
(NOTE 3)
TYP
MAX
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
See Figure 3
-
150
300
-
150
-
ns
Turn-OFF Time, tOFF
See Figure 3
-
130
250
-
130
-
ns
Break-Before-Make
Interval, tD
See Figure 2, DG301A/DG303A
-
50
-
-
50
-
ns
Charge Injection, Q
CL = 10nF, RS = 0, VS = 0
-3-
-3-
mV
OFF Isolation (Note 4)
VIN = 0, RL = 1kΩ, VS = 1VRMS,
f = 500kHz
-62--62-
dB
Crosstalk
(Channel-to-Channel)
-
-74
-
-
-74
-
dB
Source OFF Capacitance,
CS(OFF)
f = 1MHz,
VIN = 0.8V or
VIN = 4.0V
VS = 0
-
14
-
-
14
-
pF
Drain OFF Capacitance,
CD(OFF)
VD = 0
-
14
-
-
14
-
pF
Channel ON Capacitance,
CD(ON) + CS(ON)
VS = VD = 0
-
40
-
-
40
-
pF
Input Capacitance, CIN
f = 1MHz
VIN = 0
-6-
-6-
pF
VIN = 15V
-
7
-
-
7
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Current with Voltage
High, IIH
VIN = 5.0V
-1
-0.001
-
-1
-0.001
-
µA
VIN = 15.0V
-
0.001
1
-
0.001
1
µA
Input Current with Voltage
Low, IIL
VIN = 0V
-1
-0.001
-
-1
-0.001
-
µA
DG300A, DG301A, DG303A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com