Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 1 Page - Intersil Corporation

Part # DG303ABK
Description  TTL-Compatible, CMOS Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG303ABK Datasheet(HTML) 1 Page - Intersil Corporation

  DG303ABK Datasheet HTML 1Page - Intersil Corporation DG303ABK Datasheet HTML 2Page - Intersil Corporation DG303ABK Datasheet HTML 3Page - Intersil Corporation DG303ABK Datasheet HTML 4Page - Intersil Corporation DG303ABK Datasheet HTML 5Page - Intersil Corporation DG303ABK Datasheet HTML 6Page - Intersil Corporation DG303ABK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-1
File Number
3119.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
DG300A, DG301A, DG303A
TTL-Compatible, CMOS Analog Switches
The DG300A through DG303A family of monolithic CMOS
switches are truly compatible second source of the original
manufacturer. The switches are latch-proof and are
designed to block signals up to 30VP-P when OFF. Featuring
low leakage and low power consumption, these switches are
ideally suited for precision application in instrumentation,
communication, data acquisition and battery powered
applications. Other key features include Break-Before-Make
switching, TTL and CMOS compatibility, and low ON
resistance. Single supply operation (for positive switch
voltages) is possible by connecting V- to 0V.
Features
• Low Power Consumption
• Break-Before-Make Switching
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130ns
• TTL, CMOS Compatible
•Low rDS(ON) (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . 50Ω
• Single Supply Operation
• True Second Source
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
DG300ABK
-25 to 85
14 Ld CERDIP
F14.3
DG301ACJ
0 to 70
14 Ld PDIP
E14.3
DG303AAK
-55 to 125
14 Ld CERDIP
F14.3
DG303ABK
-25 to 85
14 Ld CERDIP
F14.3
DG303ACJ
0 to 70
14 Ld PDIP
E14.3
DG303ACY
0 to 70
16 Ld SOIC
M16.3
Functional Diagrams and Pinouts (Switches shown for a logic “1” input)
DG300A
(SPST)
DG300A (CERDIP)
TOP VIEW
DG301A
(SPDT)
DG301A (PDIP)
TOP VIEW
S1
IN1
IN2
S2
D1
D2
DG300A TRUTH TABLE
LOGIC
SWITCH
0
OFF
1ON
Logic “0”
≤ 0.8V, Logic “1” ≥ 4.0V.
NC
D1
NC
S1
NC
IN1
GND
V+
D2
NC
S2
NC
IN2
V-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
S1
S2
IN
D1
D2
DG301A TRUTH TABLE
LOGIC
SWITCH 1
SWITCH 2
0
OFF
ON
1
ON
OFF
Logic “0”
≤ 0.8V, Logic “1” ≥ 4.0V.
NC
D1
NC
S1
NC
IN
GND
V+
D2
NC
S2
NC
NC
V-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Data Sheet
June 1999


Similar Part No. - DG303ABK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG303ABK MAXIM-DG303ABK Datasheet
389Kb / 10P
TTL Compatible CMOS Analog Switches
Rev 1; 6/99
logo
TEMIC Semiconductors
DG303ABK TEMIC-DG303ABK Datasheet
97Kb / 10P
CMOS Analog Switches
logo
Intersil Corporation
DG303ABK INTERSIL-DG303ABK Datasheet
308Kb / 7P
TTL-Compatible, CMOS Analog Switches
May 2001
More results

Similar Description - DG303ABK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG300 MAXIM-DG300 Datasheet
389Kb / 10P
TTL Compatible CMOS Analog Switches
Rev 1; 6/99
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
Dual DPST-TTL/DTL Compatible MOS Analog Switches
logo
Intersil Corporation
DG300A INTERSIL-DG300A_01 Datasheet
308Kb / 7P
TTL-Compatible, CMOS Analog Switches
May 2001
logo
Maxim Integrated Produc...
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
DG381479 MAXIM-DG381479 Datasheet
28Kb / 4P
CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0059 Rev. B
DG304567 MAXIM-DG304567 Datasheet
28Kb / 4P
CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0058 Rev. B
DG301303 MAXIM-DG301303 Datasheet
33Kb / 5P
TTL COMPATIBLE CMOS ANALOG SWITCHES
19-0054 Rev. C
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG300A MAXIM-DG300A_V01 Datasheet
336Kb / 11P
TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG300 MAXIM-DG300_V01 Datasheet
336Kb / 11P
TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com