Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL130R3 Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSL130R3
Description  8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSL130R3 Datasheet(HTML) 1 Page - Intersil Corporation

  FSL130R3 Datasheet HTML 1Page - Intersil Corporation FSL130R3 Datasheet HTML 2Page - Intersil Corporation FSL130R3 Datasheet HTML 3Page - Intersil Corporation FSL130R3 Datasheet HTML 4Page - Intersil Corporation FSL130R3 Datasheet HTML 5Page - Intersil Corporation FSL130R3 Datasheet HTML 6Page - Intersil Corporation FSL130R3 Datasheet HTML 7Page - Intersil Corporation FSL130R3 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3-29
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
June 1998
FSL130D, FSL130R
8A, 100V, 0.230 Ohm, Rad Hard,
SEGR Resistant, N-Channel Power MOSFETs
Features
• 8A, 100V, rDS(ON) = 0.230Ω
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 36MeV/mg/cm2 with
VDS up to 80% of Rated Breakdown and
VGS of 10V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IDM
• Photo Current
- 1.5nA Per-RAD(Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications
for 3E13 Neutrons/cm2
- Usable to 3E14 Neutrons/cm2
Formerly available as type TA17636.
Description
The Discrete Products Operation of Intersil Corporation has
developed a series of Radiation Hardened MOSFETs specif-
ically designed for commercial and military space applica-
tions. Enhanced Power MOSFET immunity to Single Event
Effects (SEE), Single Event Gate Rupture (SEGR) in particu-
lar, is combined with 100K RADS of total dose hardness to
provide devices which are ideally suited to harsh space envi-
ronments. The dose rate and neutron tolerance necessary
for military applications have not been sacrificed.
The Intersil portfolio of SEGR resistant radiation hardened
MOSFETs includes N-Channel and P-Channel devices in a
variety of voltage, current and on-resistance ratings.
Numerous packaging options are also available.
This MOSFET is an enhancement-mode silicon-gate power
field-effect transistor of the vertical DMOS (VDMOS) struc-
ture. It is specially designed and processed to be radiation
tolerant. The MOSFET is well suited for applications
exposed to radiation environments such as switching regula-
tion, switching converters, motor drives, relay drivers and
drivers for high-power bipolar switching transistors requiring
high speed and low gate drive power. This type can be
operated directly from integrated circuits.
Reliability screening is available as either commercial, TXV
equivalent
of
MIL-S-19500,
or
Space
equivalent
of
MIL-S-19500. Contact Intersil for any desired deviations
from the data sheet.
Symbol
Package
TO-205AF
Ordering Information
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Commercial
FSL130D1
10K
TXV
FSL130D3
100K
Commercial
FSL130R1
100K
TXV
FSL130R3
100K
Space
FSL130R4
D
G
S
S
G
D
File Number
4031.3


Similar Part No. - FSL130R3

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FSL13 GOOD-ARK-FSL13 Datasheet
390Kb / 4P
Surface Mount Schottky Rectifier
logo
Fairchild Semiconductor
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
Green Mode Fairchild Power Switch (FPS??
logo
ON Semiconductor
FSL136HR ONSEMI-FSL136HR Datasheet
565Kb / 15P
Green Mode Power Switch
April, 2020 ??Rev. 3
FSL136HRL ONSEMI-FSL136HRL Datasheet
565Kb / 15P
Green Mode Power Switch
April, 2020 ??Rev. 3
FSL136HRLX ONSEMI-FSL136HRLX Datasheet
565Kb / 15P
Green Mode Power Switch
April, 2020 ??Rev. 3
More results

Similar Description - FSL130R3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF150D INTERSIL-FSF150D Datasheet
45Kb / 8P
25A, 100V, 0.070 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ160D INTERSIL-FSJ160D Datasheet
60Kb / 9P
70A, 100V, 0.022 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL110D INTERSIL-FSL110D Datasheet
58Kb / 8P
3.5A, 100V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
October 1998
FSL13A0D INTERSIL-FSL13A0D Datasheet
71Kb / 8P
9A, 100V, 0.180 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1999
FSS130D INTERSIL-FSS130D Datasheet
45Kb / 8P
11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS13A0D INTERSIL-FSS13A0D Datasheet
71Kb / 8P
2A, 100V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 2000
FSS230D INTERSIL-FSS230D Datasheet
46Kb / 8P
8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
JANSR2N7395 INTERSIL-JANSR2N7395 Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com