Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA2546/883 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HA2546/883
Description  Wideband Two Quadrant Analog Multiplier (Voltage Output)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2546/883 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HA2546/883 Datasheet HTML 9Page - Intersil Corporation HA2546/883 Datasheet HTML 10Page - Intersil Corporation HA2546/883 Datasheet HTML 11Page - Intersil Corporation HA2546/883 Datasheet HTML 12Page - Intersil Corporation HA2546/883 Datasheet HTML 13Page - Intersil Corporation HA2546/883 Datasheet HTML 14Page - Intersil Corporation HA2546/883 Datasheet HTML 15Page - Intersil Corporation HA2546/883 Datasheet HTML 16Page - Intersil Corporation HA2546/883 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Semiconductor and is for use as
application and design information only. No guarantee is implied.
8-15
HA2546
VX COMMON MODE REJECTION RATIO vs FREQUENCY
PSRR vs FREQUENCY
SUPPLY CURRENT vs TEMPERATURE
COMMON MODE RANGE vs VSUPPLY
PSRR vs TEMPERATURE
MULTIPLIER ERROR
Typical Performance Curves
VS = ±15V, TA = +25
oC, See Test Circuit For Multiplier Configuration. (Continued)
FREQUENCY (Hz)
1K
10K
100K
1M
10M
100M
100
VY = 0V
VY = 2V
0
120
100
80
60
40
20
VX = 200mVrms
FREQUENCY (Hz)
1K
10K
100K
1M
10M
100M
100
0
100
80
60
40
20
+PSSR
-PSSR
VY = VX = 0V
TEMPERATURE (oC)
-55
+ICC
-ICC
25
20
15
125
-25
0
25
50
75
100
14
6
12
10
8
CMR(-)
±5
±17
CMR(+)
VSUPPLY
4
2
0
±15
±12
±8
±7
TEMPERATURE (oC)
+PSRR
-PSRR
100
80
60
40
20
0
-55
0
25
50
75
100
125
-25
-6
-4
-2
0
2
4
6
-1.5
-1
-0.5
0
0.5
1
1.5
Y INPUT (V)
X = 1
X = 1.2
X = 1.4
X = 1.6
X = 1.8
X = 2
Spec Number
511050-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com