Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA2546/883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA2546/883
Description  Wideband Two Quadrant Analog Multiplier (Voltage Output)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2546/883 Datasheet(HTML) 2 Page - Intersil Corporation

  HA2546/883 Datasheet HTML 1Page - Intersil Corporation HA2546/883 Datasheet HTML 2Page - Intersil Corporation HA2546/883 Datasheet HTML 3Page - Intersil Corporation HA2546/883 Datasheet HTML 4Page - Intersil Corporation HA2546/883 Datasheet HTML 5Page - Intersil Corporation HA2546/883 Datasheet HTML 6Page - Intersil Corporation HA2546/883 Datasheet HTML 7Page - Intersil Corporation HA2546/883 Datasheet HTML 8Page - Intersil Corporation HA2546/883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
8-4
Specifications HA2546/883
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Storage Temperature Range . . . . . . . . . . . . . . -65oC
≤ T
A ≤ +150
oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . 80oC/W
25oC/W
Ceramic LCC . . . . . . . . . . . . . . . . . . . . . . . . 61oC/W
12oC/W
Maximum Package Power Dissipation
CerDIP Package at +75oC. . . . . . . . . . . . . . . . . . . . . . . . . . 1.25W
Ceramic LCC Package at +75oC. . . . . . . . . . . . . . . . . . . . . 1.64W
Package Power Dissipation Derating Factor above +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12mW/oC
Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . . 16mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . ±8V to ±15V
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±15V, RLOAD = 1kΩ, CLOAD = 50pF, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROU
PS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Multiplication Error
ME
VY = ±5V
1
+25oC
-3
3
%FS
2, 3
+125oC, -55oC
-5
5
%FS
Scale Factor Error
SF
1
+25oC-5
5
%
2, 3
+125oC, -55oC-5
5
%
Common Mode Range
+CMR
1
+25oC5
-
V
2, 3
+125oC, -55oC5
-
V
-CMR
1
+25oC
-
-5
V
2, 3
+125oC, -55oC
-
-5
V
Input Offset Voltage (VY)VIO(VY)VCM = 0V
1
+25oC
-10
10
mV
2, 3
+125oC, -55oC
-15
15
mV
Input Bias Current (VY)IB(VY)VCM = 0V
1
+25oC
-15
15
µA
2, 3
+125oC, -55oC
-20
20
µA
Input Offset Current (VY)IIO(VY)VCM = 0V
1
+25oC-2
2
µA
2, 3
+125oC, -55oC-3
3
µA
Common Mode (VY)
Rejection Ratio
+CMRR(VY)VY = 0 to +5V, VX = +2V
1
+25oC60
-
dB
2, 3
+125oC, -55oC60
-
dB
-CMRR(VY)VY = 0 to -5V, VX = +2V
1
+25oC60
-
dB
2, 3
+125oC, -55oC60
-
dB
Input Offset Voltage (VX)VIO(VX)VCM = 0V
1
+25oC-2
2
mV
2, 3
+125oC, -55oC
-15
15
mV
Input Bias Current (VX)IB(VX)VCM = 0V
1
+25oC-2
2
µA
2, 3
+125oC, -55oC-5
5
µA
Input Offset Current (VX)IIO(VX)VCM = 0V
1
+25oC-2
2
µA
2, 3
+125oC, -55oC-3
3
µA
Input Offset Voltage (VZ)VIO(VZ)VX = 0V, VY = 0V
1
+25oC
-15
15
mV
2, 3
+125oC, -55oC
-15
15
mV
Output Voltage Swing
+VOUT
VY = +5V, VX = +2.5V
1
+25oC5
-
V
2, 3
+125oC, -55oC5
-
V
-VOUT
VY = -5V, VX = +2.5V
1
+25oC
-
-5
V
2, 3
+125oC, -55oC
-
-5
V
Output Current
+IOUT
VY = +5V, VX = +2.5V
1
+25oC20
-
mA
2, 3
+125oC, -55oC20
-
mA
-IOUT
VY = -5V, VX = +2.5V
1
+25oC
-
-20
mA
2, 3
+125oC, -55oC
-
-20
mA
Spec Number
511050-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com