Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA2546/883 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA2546/883
Description  Wideband Two Quadrant Analog Multiplier (Voltage Output)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2546/883 Datasheet(HTML) 3 Page - Intersil Corporation

  HA2546/883 Datasheet HTML 1Page - Intersil Corporation HA2546/883 Datasheet HTML 2Page - Intersil Corporation HA2546/883 Datasheet HTML 3Page - Intersil Corporation HA2546/883 Datasheet HTML 4Page - Intersil Corporation HA2546/883 Datasheet HTML 5Page - Intersil Corporation HA2546/883 Datasheet HTML 6Page - Intersil Corporation HA2546/883 Datasheet HTML 7Page - Intersil Corporation HA2546/883 Datasheet HTML 8Page - Intersil Corporation HA2546/883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
8-5
Specifications HA2546/883
Power Supply Rejection
Ratio
+PSRR
∆ V
S = 3V, V+ = +15V, V- = -15V,
V+ = +12V, V- = -15V
1
+25oC58
-
dB
2, 3
+125oC, -55oC58
-
dB
-PSRR
∆ V
S = 3V, V+ = +15V, V- = -15V,
V+ = +15V, V- = -12V
1
+25oC58
-
dB
2, 3
+125oC, -55oC58
-
dB
Quiescent Power Supply
Current
+ICC
VX = VY = 0V, IOUT = 0mA
1
+25oC29
-
mA
2, 3
+125oC, -55oC29
-
mA
-ICC
VX = VY = 0V, IOUT = 0mA
1
+25oC
-
-29
mA
2, 3
+125oC, -55oC
-
-29
mA
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
Table 2 Intentionally Left Blank. See AC Specifications in Table 3.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±15V, RLOAD = 1kΩ, CLOAD = 50pF, Unless Otherwise Specified.
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Slew Rate
+SR
VOUT = -5V to +5V, VX = 2VDC
1
+25oC
300
-
V/
µs
1
+125oC, -55oC
300
-
V/
µs
-SR
VOUT = +5V to -5V, VX = 2VDC
1
+25oC
300
-
V/
µs
1
+125oC, -55oC
300
-
V/
µs
Rise and Fall Time
TR
VOUT = -100mV to +100mV
VX = 2VDC
1, 3
+25oC
-
15
ns
1, 3
+125oC, -55oC
-
17
ns
TF
VOUT = +100mV to -100mV
VX = 2VDC
1, 3
+25oC
-
15
ns
1, 3
+125oC, -55oC
-
17
ns
Overshoot
+OS
VOUT = -100mV to +100mV
VX = 2VDC
1
+25oC
-
30
%
1
+125oC, -55oC
-
30
%
-OS
VOUT = +100mV to -100mV
VX = 2VDC
1
+25oC
-
30
%
1
+125oC, -55oC
-
30
%
Full Power Bandwidth
FPBW
VPEAK = 5V, VX = 2VDC
1, 2
+25oC
9.5
-
MHz
1, 2
+125oC, -55oC
9.5
-
MHz
NOTES:
1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These param-
eters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization
based upon data from multiple production runs which reflect lot to lot and within lot variation.
2. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2
πV
PEAK).
3. Measured between 10% and 90% points.
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLE 1)
Interim Electrical Parameters (Pre Burn-in)
1
Final Electrical Test Parameters
1(Note 1), 2, 3
Group A Test Requirements
1, 2, 3
Groups C and D Endpoints
1
NOTE:
1. PDA applies to Subgroup 1 only.
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
Device Tested at: VSUPPLY = ±15V, RLOAD = 1kΩ, CLOAD = 50pF, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROU
PS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Spec Number
511050-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com