Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5521 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HC5521
Description  SLIC Subscriber Line Interface Circuit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5521 Datasheet(HTML) 1 Page - Intersil Corporation

  HC5521 Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCT OR
4-35
ADVANCE INFORMATION
January 1997
HC5521
SLIC
Subscriber Line Interface Circuit
Features
• Normal and Reversed DC Feed
• 30mA Current Limit
• Ringing, Test-In, and Test-Out Relay Drivers
• Ground Key Detector with Seperate Logic Output
• Thermal Shutdown Protection with Alert Signal
• On-Hook Transmission
• Selectable Transmit and Receive Gain Setting
• Selectable 2-Wire Impedance Matching
• Zero Crossing Ring Trip Detection and Ring Relay
Release
• Parallel Digital Control and Status Monitoring
• Protection Resistors inside Feedback Loop allows the
use of PTC Devices without Impact on Longitudinal
Balance
Applications
• PABX/CO Line Circuits
Description
The HC5521 is a Monolithic Subscriber Line Interface Circuit
(SLIC) for Analog Subscriber Line cards in Central Office
and PABX switches.
The HC5521 provides a comprehensive set of features for
these applications including loop reversal, ground key detec-
tion, zero crossing ring relay operation, long loop drive and a
mutually independent setting of the receive and transmit
gains, and the two-wire impedance synthesis. An option is
also provided for eliminating transhybrid balance on-chip.
Advanced power management features combined with a
small 44 lead MQFP package allow significant board space
to be freed up for additional line circuits.
The HC5521 is fabricated in a Harris state of the art Bonded
Wafer High Voltage process, providing freedom from tradi-
tional JI latch-up phenomena without the use of additional
power supply filtering components or substrate tie connec-
tions. The very low parasitics and leakages associated with
this process provide an exceptionally flat performance over
frequency and temperature.
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HC5521CQ
0 to 70
44 Ld MQFP
Q44.10x10
HC5521CM
0 to 70
44 Ld PLCC
N44.65
TIP
TIPSEN
TEST
CONTROL
2-WIRE
INTERFACE
RING
CONTROL
AGND
BIAS
RINGSEN
RING
RX
RN
TX
TX4W
TA
TB
RBL
RBH
RD
CRTD
POWER
MANAGEMENT
RPSB
RPST
RPSG
RGND
BGND
VCC
CDC
VEE
CP
VBAT
RDC
RPSR
BATTERY
REFERENCE
4-WIRE INTERFACE / Z0
KZO
LOGIC
D6TAI
D3PDI
D4RCI
D2PRI
D5TBI
GKDO
SHDO
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
4265


Similar Part No. - HC5521

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HC5520 HARRIS-HC5520 Datasheet
191Kb / 20P
CO/PABX Polarity Reversal Subscriber Line Interface Circuit
HC5520CM HARRIS-HC5520CM Datasheet
191Kb / 20P
CO/PABX Polarity Reversal Subscriber Line Interface Circuit
HC5520CQ HARRIS-HC5520CQ Datasheet
191Kb / 20P
CO/PABX Polarity Reversal Subscriber Line Interface Circuit
logo
Intersil Corporation
HC5523 INTERSIL-HC5523 Datasheet
176Kb / 18P
LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
HC5523 INTERSIL-HC5523 Datasheet
570Kb / 22P
LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
August 2003
More results

Similar Description - HC5521

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5502B1 INTERSIL-HC-5502B1 Datasheet
132Kb / 12P
SLIC Subscriber Line Interface Circuit
April 1999
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
SLIC Subscriber Line Interface Circuit
March 1996
HC5509A1R3060 INTERSIL-HC5509A1R3060 Datasheet
61Kb / 10P
SLIC Subscriber Line Interface Circuit
June 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
SLIC Subscriber Line Interface Circuit
May 1997
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
May 1997
logo
List of Unclassifed Man...
HM9903C ETC1-HM9903C Datasheet
267Kb / 1P
HM9903C SLIC(Subscriber Line Interface Circuit)
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
July 2003
logo
Gunter Seniconductor Gm...
TFB3869 GSG-TFB3869 Datasheet
136Kb / 14P
Subscriber Line Interface Circuit (SLIC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com