Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5523 Datasheet (PDF) - Intersil Corporation

HC5523 Datasheet PDF - Intersil Corporation
Part # HC5523
Download  HC5523 Download
File Size   176.77 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby

HC5523 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC5523 Datasheet PDF - Intersil Corporation

Part # HC5523
Download  HC5523 Click to download

File Size   176.77 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby

HC5523 Datasheet (HTML) - Intersil Corporation


HC5523 Product details

The HC5523 is a subscriber line interface circuit which is interchangeable with Ericsson’s PBL3764A/4 for distributed central office applications. Enhancements include immunity to circuit latch-up during hot plug and absence of false signaling in the presence of longitudinal currents.

Features
• DI Monolithic High Voltage Process
• Programmable Current Feed (20mA to 60mA)
• Programmable Loop Current Detector Threshold and Battery Feed Characteristics
• Ground Key and Ring Trip Detection
• Compatible with Ericsson’s PBL3764A/4
• Thermal Shutdown
• On-Hook Transmission
• Wide Battery Voltage Range (-24V to -58V)
• Low Standby Power
• Meets TR-NWT-000057 Transmission Requirements
• -40°C to 85°C Ambient Temperature Range

Applications
• Digital Loop Carrier Systems
• Pair Gain
• Fiber-In-The-Loop ONUs
• POTS
• Wireless Local Loop
• PABX
• Hybrid Fiber Coax
• Related Literature
    - AN9632, Operation of the HC5523/15 Evaluation Board




Similar Part No. - HC5523

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5523 INTERSIL-HC5523 Datasheet
570Kb / 22P
LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
August 2003
HC5523IM INTERSIL-HC5523IM Datasheet
570Kb / 22P
LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
August 2003
HC5523IP INTERSIL-HC5523IP Datasheet
570Kb / 22P
LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
August 2003
HC5523 INTERSIL-HC5523_03 Datasheet
570Kb / 22P
LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
August 2003
More results


Similar Description - HC5523

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5513 INTERSIL-HC5513 Datasheet
175Kb / 18P
TR909 DLC/FLC SLIC with Low Power Standby
October 1998
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC-5509B INTERSIL-HC-5509B_03 Datasheet
528Kb / 9P
ITU CO/Loop Carrier SLIC
August 2003
HC5513 INTERSIL-HC5513_03 Datasheet
412Kb / 20P
TR909 DLC/FLC SLIC with Low Power Standby
August 2003
HC5523 INTERSIL-HC5523_03 Datasheet
570Kb / 22P
LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
August 2003
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
June 6, 2006
logo
Renesas Technology Corp
HC5513 RENESAS-HC5513 Datasheet
910Kb / 20P
TR909 DLC/FLC SLIC with Low Power Standby
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
ITU CO/PABX SLIC with Low Power Standby
August 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com