Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5513 Datasheet (PDF) - Renesas Technology Corp

HC5513 Datasheet PDF - Renesas Technology Corp
Part # HC5513
Download  HC5513 Download
File Size   910.82 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TR909 DLC/FLC SLIC with Low Power Standby

HC5513 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC5513 Datasheet PDF - Renesas Technology Corp

Part # HC5513
Download  HC5513 Click to download

File Size   910.82 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TR909 DLC/FLC SLIC with Low Power Standby

HC5513 Datasheet (HTML) - Renesas Technology Corp


HC5513 Product details

The HC5513 is a subscriber line interface circuit which is interchangeable with Ericsson’s PBL3764 for distributed central office applications. Enhancements include immunity to circuit latch-up during hot plug and absence of false signaling in the presence of longitudinal currents.

Features
• DI Monolithic High Voltage Process
• Programmable Current Feed (20mA to 60mA)
• Programmable Loop Current Detector Threshold and Battery Feed Characteristics
• Ground Key and Ring Trip Detection
• Compatible with Ericsson’s PBL3764
• Thermal Shutdown
• On-Hook Transmission
• Wide Battery Voltage Range (-24V to -58V)
• Low Standby Power
• Meets TR-NWT-000057 Transmission Requirements
• -40°C to 85°C Ambient Temperature Range

Applications
• Digital Loop Carrier Systems • Pair Gain
• Fiber-In-The-Loop ONUs • POTS
• Wireless Local Loop • PABX
• Hybrid Fiber Coax
• Related Literature
    - AN9537, Operation of the HC5513/26 Evaluation Board




Similar Part No. - HC5513

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5513 INTERSIL-HC5513 Datasheet
175Kb / 18P
TR909 DLC/FLC SLIC with Low Power Standby
October 1998
HC55130 INTERSIL-HC55130 Datasheet
382Kb / 35P
Low Power Universal SLIC Family
June 2000
HC55130 INTERSIL-HC55130 Datasheet
692Kb / 36P
Low Power Universal SLIC Family
June 1, 2006
logo
Renesas Technology Corp
HC55130 RENESAS-HC55130 Datasheet
1Mb / 36P
Low Power UniSLIC14 Family
logo
Intersil Corporation
HC55130IB INTERSIL-HC55130IB Datasheet
382Kb / 35P
Low Power Universal SLIC Family
June 2000
More results


Similar Description - HC5513

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
Low-Power SLIC with Ringing
April 2000
logo
Intersil Corporation
HC5513 INTERSIL-HC5513 Datasheet
175Kb / 18P
TR909 DLC/FLC SLIC with Low Power Standby
October 1998
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5523 INTERSIL-HC5523 Datasheet
176Kb / 18P
LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5513 INTERSIL-HC5513_03 Datasheet
412Kb / 20P
TR909 DLC/FLC SLIC with Low Power Standby
August 2003
HC5523 INTERSIL-HC5523_03 Datasheet
570Kb / 22P
LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
August 2003
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
June 6, 2006
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
ITU CO/PABX SLIC with Low Power Standby
August 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com