Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5513 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5513 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HC5513 Datasheet HTML 5Page - Renesas Technology Corp HC5513 Datasheet HTML 6Page - Renesas Technology Corp HC5513 Datasheet HTML 7Page - Renesas Technology Corp HC5513 Datasheet HTML 8Page - Renesas Technology Corp HC5513 Datasheet HTML 9Page - Renesas Technology Corp HC5513 Datasheet HTML 10Page - Renesas Technology Corp HC5513 Datasheet HTML 11Page - Renesas Technology Corp HC5513 Datasheet HTML 12Page - Renesas Technology Corp HC5513 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
HC5513
FN3963 Rev.12.00
Page 9 of 20
August 2003
Figure 15 shows the relationship between the saturation guard
voltage, the loop current and the loop resistance. Notice from
Figure 15 that for a loop resistance <1.2k
 (RSG = 21.4k) the
SLIC is operating in the constant current feed region and for
resistances >1.2k
 the SLIC is operating in the resistive feed
region. Operation in the resistive feed region allows long loop
and off-hook transmission by keeping the tip and ring voltages
off the rails. Operation in this region is transparent to the
customer.
The Saturation Guard circuit (Figure 13) monitors the tip to ring
voltage via the transconductance amplifier A1. A1 generates a
current that is proportional to the tip to ring voltage difference. I1
is internally set to sink all of A1’s current until the tip to ring
voltage exceeds 12.5V. When the tip to ring voltage exceeds
12.5V (with no RSG resistor) A1 supplies more current than I1
can sink. When this happens A2 amplifies its input current by a
factor of 12 and the current through R1 becomes the difference
between I2 and the output current from A2. As the current from
A2 increases, the voltage across R1 decreases and the output
voltage on RDC decreases. This results in a corresponding
decrease in the loop current. The RSG pin provides the ability to
increase the saturation guard reference voltage beyond 12.5V.
Equation 3 gives the relationship between the RSG resistor
value and the programmable saturation guard reference
voltage:
where:
VSGREF = Saturation Guard reference voltage.
RSG = Saturation Guard programming resistor.
When the Saturation guard reference voltage is exceeded, the
tip to ring voltage is calculated using Equation 4:
where:
VTR = Voltage differential between tip and ring.
RL = Loop resistance.
For on-hook transmission RL = , Equation 4 reduces to:
The value of RSG should be calculated to allow maximum loop
length operation. This requires that the saturation guard
reference voltage be set as high as possible without clipping
the incoming or outgoing VF signal. A voltage margin of -4V on
tip and -4V on ring, for a total of -8V margin, is recommended
as a general guideline. The value of RSG is calculated using
Equation 6:
where:
VBAT = Battery voltage.
VMARGIN = Recommended value of -8V to allow a maximum
overload level of 3.1VPEAK.
For on-hook transmission, RL = , Equation 6 reduces to:
SLIC in the Standby Mode
Overall system power is saved by configuring the SLIC in the
standby state when not in use. In the standby state the tip and
ring amplifiers are disabled and internal resistors are connected
between tip to ground and ring to VBAT. This connection enables
a loop current to flow when the phone goes off-hook. The loop
current detector then detects this current and the SLIC is
configured in the active mode for voice transmission. The loop
current in standby state is calculated as follows:
where:
IL = Loop current in the standby state.
RL = Loop resistance.
VBAT = Battery voltage.
(AC) Transmission Path
SLIC in the Active Mode
Figure 16 shows a simplified AC transmission model. Circuit
analysis yields the following design equations:
0
10
20
30
0
10
20
30
40
50
LOOP CURRENT (mA)
VBAT = -24V, RSG =
VBAT = -48V, RSG = 21.4k
SATURATION GUARD
RESISTIVE FEED
REGION
CONSTANT CURRENT
FEED REGION
RRSG = 21.4k
100k
100k
4k
1.5k
2k
700
<400
<1.2k
RL
RL
RRSG =
VOLTAGE, VTR = 38V
SATURATION GUARD
VOLTAGE, VTR = 13V
FIGURE 15. VTR vs IL AND RL
VSGREF
12.5 510
5
RSG
------------------
+
=
(EQ. 3)
VTR
RL
16.66 5 10
5
RSG
+
RL RDC1 RDC2
+
 600
+
----------------------------------------------------------------------
=
(EQ. 4)
VTR
16.66 510
5
RSG
------------------
+
=
(EQ. 5)
RSG
510
5
VBAT VMARGIN
–

1
RDC1 RDC2
+

600RL
------------------------------------------
+



16.66V
–
--------------------------------------------------------------------------------------------------------------------------------------------------
=
(EQ. 6)
RSG
510
5
VBAT VMARGIN 16.66V
–
–
----------------------------------------------------------------------------
=
(EQ. 7)
IL
VBAT 3V
–
RL 1800
+
--------------------------------
(EQ. 8)
VTR
VTX IM 2RF
+
=
(EQ. 9)
VTX
ZT
-----------
VRX
ZRX
-----------
+
IM
1000
-------------
=
(EQ. 10)
VTR
EG IM ZL
–
=
(EQ. 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com