Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5513 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5513 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HC5513 Datasheet HTML 1Page - Renesas Technology Corp HC5513 Datasheet HTML 2Page - Renesas Technology Corp HC5513 Datasheet HTML 3Page - Renesas Technology Corp HC5513 Datasheet HTML 4Page - Renesas Technology Corp HC5513 Datasheet HTML 5Page - Renesas Technology Corp HC5513 Datasheet HTML 6Page - Renesas Technology Corp HC5513 Datasheet HTML 7Page - Renesas Technology Corp HC5513 Datasheet HTML 8Page - Renesas Technology Corp HC5513 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
HC5513
FN3963 Rev.12.00
Page 5 of 20
August 2003
INSERTION LOSS
2-Wire to 4-Wire
0dBm, 1kHz (Note 19, Figure 9)
-0.2
-
0.2
dB
4-Wire to 2-Wire
0dBm, 1kHz (Note 20, Figure 9)
-0.2
-
0.2
dB
GAIN TRACKING (Ref = -10dBm, at 1.0kHz)
2-Wire to 4-Wire
-40dBm to +3dBm (Note 21, Figure 9)
-0.1
-
0.1
dB
2-Wire to 4-Wire
-55dBm to -40dBm (Note 21, Figure 9)
-
0.03
-
dB
4-Wire to 2-Wire
-40dBm to +3dBm (Note 22, Figure 9)
-0.1
-
0.1
dB
4-Wire to 2-Wire
-55dBm to -40dBm (Note 22, Figure 9)
-
0.03
-
dB
FIGURE 8. CURRENT GAIN-RSN TO METALLIC
FIGURE 9. FREQUENCY RESPONSE, INSERTION LOSS,
GAIN TRACKING AND HARMONIC
DISTORTION
NOISE
Idle Channel Noise at 2-Wire
C-Message Weighting (Note 23,
Figure 10)
-12-
dBrnC
Idle Channel Noise at 4-Wire
C-Message Weighting (Note 24,
Figure 10)
-12-
dBrnC
HARMONIC DISTORTION
2-Wire to 4-Wire
0dBm, 1kHz (Note 25, Figure 7)
-
-65
-54
dB
4-Wire to 2-Wire
0dBm, 0.3kHz to 3.4kHz (Note 26,
Figure 9)
--65
-54
dB
BATTERY FEED CHARACTERISTICS
Constant Loop Current Tolerance
RDCX = 41.2k
IL = 2500/(RDC1 + RDC2),
-40oC to 85oC (Note 27)
0.9IL
IL
1.1IL
mA
Loop Current Tolerance (Standby)
IL = (VBAT-3)/(RL +1800),
-40oC to 85oC (Note 28)
0.8IL
IL
1.2IL
mA
Open Circuit Voltage (VTIP - VRING)-40oC to 85oC, (Active)
14
-
20
V
Electrical Specifications
TA = -40oC to 85oC, VCC = 5V 5%, VEE = -5V5%, VBAT = -28V, AGND = BGND = 0V, RDC1 = RDC2 =
41.2k
, RD = 39k, RSG =, RF1 = RF2 = 0, CHP = 10nF, CDC = 1.5F, ZL = 600. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RDC2
41.2k
RDC1
41.2k
CDC
1.5
F
RL
600
TIP
5
RING
6
RDC
17
RSN
19
RRX
300k
VRSN = 0V
VRSN = -3V
GRX = ((VTR1- VTR2)(300k))/(-3)(600)
Where: VTR1 is the Tip to Ring Voltage with VRSN = 0V
VTR
and VTR2 is the Tip to Ring Voltage with VRSN = -3V
RT
RRX
IDCMET
600k
300k
C
1/
C << RL
EG
RL
VTX
600
VTR
ERX
TIP
5
VTX
21
RING
6
RSN
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com