Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5513 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5513 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HC5513 Datasheet HTML 9Page - Renesas Technology Corp HC5513 Datasheet HTML 10Page - Renesas Technology Corp HC5513 Datasheet HTML 11Page - Renesas Technology Corp HC5513 Datasheet HTML 12Page - Renesas Technology Corp HC5513 Datasheet HTML 13Page - Renesas Technology Corp HC5513 Datasheet HTML 14Page - Renesas Technology Corp HC5513 Datasheet HTML 15Page - Renesas Technology Corp HC5513 Datasheet HTML 16Page - Renesas Technology Corp HC5513 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
HC5513
FN3963 Rev.12.00
Page 13 of 20
August 2003
Ring Trip Detector
Ring trip detection is accomplished with the internal ring trip
comparator and the external circuitry shown in Figure 19. The
process of ring trip is initiated when the logic input pins are in the
following states: E0 = 0, E1 = 1/0, C1 = 1 and C2 = 0. This logic
condition connects the ring trip comparator to the DET output, and
causes the Ringrly pin to energize the ring relay. The ring relay
connects the tip and ring of the phone to the external circuitry in
Figure 19. When the phone is on-hook the DT pin is more positive
than the DR pin and the DET output is high. For off-hook
conditions DR is more positive than DT and DET goes low. When
DET goes low, indicating that the phone has gone off-hook, the
SLIC is commanded by the logic inputs to go into the active state.
In the active state, tip and ring are once again connected to the
phone and normal operation ensues.
Figure 19 illustrates battery backed unbalanced ring injected
ringing. For tip injected ringing just reverse the leads to the
phone. The ringing source could also be balanced.
NOTE: The DET output will toggle at 20Hz because the DT input is not
completely filtered by CRT. Software can examine the duty cycle and
determine if the DET pin is low for more that half the time, if so the off-
hook condition is indicated.
Longitudinal Impedance
The feedback loop described in Figure 20(A, B) realizes the
desired longitudinal impedances from tip to ground and from
ring to ground. Nominal longitudinal impedance is resistive and
in the order of 22
.
In the presence of longitudinal currents this circuit attenuates
the voltages that would otherwise appear at the tip and ring
terminals, to levels well within the common mode range of the
SLIC. In fact, longitudinal currents may exceed the
programmed DC loop current without disturbing the SLIC’s VF
transmission capabilities.
The function of this circuit is to maintain the tip and ring
voltages symmetrically around VBAT/2, in the presence of
longitudinal currents. The differential transconductance
amplifiers GT and GR accomplish this by sourcing or sinking
the required current to maintain VC at VBAT/2.
When a longitudinal current is injected onto the tip and ring
inputs, the voltage at VC moves from it’s equilibrium value
VBAT/2. When VC changes by the amount VC, this change
appears between the input terminals of the differential
transconductance amplifiers GT and GR. The output of GT and
GR are the differential currents I1 and I2, which in turn feed
the differential inputs of current sources IT and IR respectively.
IT and IR have current gains of 250 single ended and 500
differentially, thus leading to a change in IT and IR that is equal
to 500(
I) and 500(I2).
The circuit shown in Figure 20(B) illustrates the tip side of the
longitudinal network. The advantages of a differential input
current source are: improved noise since the noise due to
current source 2IO is now correlated, power savings due to
differential current gain and minimized offset error at the
Operational Amplifier inputs via the two 5k
 resistors.
Digital Logic Inputs
Table 1 is the logic truth table for the TTL compatible logic
input pins. The HC5513 has two enable inputs pins (E0, E1)
and two control inputs pins (C1, C2).
The enable pin E0 is used to enable or disable the DET output
pin. The DET pin is enabled if E0 is at a logic level 0 and
disabled if E0 is at a logic level 1.
The enable pin E1 gates the ground key detector to the DET
output with a logic level 0, and gates the loop or ring trip
detector to the DET output with a logic level 1.
A combination of the control pins C1 and C2 is used to select 1
of the 4 possible operating states. A description of each
operating state and the control logic follow:
Open Circuit State (C1 = 0, C2 = 0)
In this state the SLIC is effectively off. All detectors and both
the tip and ring line drive amplifiers are powered down,
presenting a high impedance to the line. Power dissipation is at
a minimum.
Active State (C1 = 0, C2 = 1)
The tip output is capable of sourcing loop current and for open
circuit conditions is about -4V from ground. The ring output is
capable of sinking loop current and for open circuit conditions is
about VBAT + 4V. VF signal transmission is normal. The loop
current and ground key detectors are both active, E0 and E1
determine which detector is gated to the DET output.
Ringing State (C1 = 1, C2 = 0)
The ring relay driver and the ring trip detector are activated.
Both the tip and ring line drive amplifiers are powered down.
Both tip and ring are disconnected from the line via the
external ring relay.
Standby State (C1 = 1, C2 = 1)
Both the tip and ring line drive amplifiers are powered down.
Internal resistors are connected between tip to ground and ring to
VBAT to allow loop current detect in an off-hook condition. The
TIP
RING
HC5513
RRT
VBAT
ERG
R3
R4
R2
R1
DR
DT
RING TRIP
COMPARATOR
DET
CRT
RINGRLY
RING
RELAY
+
-
FIGURE 19. RING TRIP CIRCUIT FOR BATTERY BACKED RINGING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com