Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5513 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5513 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HC5513 Datasheet HTML 1Page - Renesas Technology Corp HC5513 Datasheet HTML 2Page - Renesas Technology Corp HC5513 Datasheet HTML 3Page - Renesas Technology Corp HC5513 Datasheet HTML 4Page - Renesas Technology Corp HC5513 Datasheet HTML 5Page - Renesas Technology Corp HC5513 Datasheet HTML 6Page - Renesas Technology Corp HC5513 Datasheet HTML 7Page - Renesas Technology Corp HC5513 Datasheet HTML 8Page - Renesas Technology Corp HC5513 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
HC5513
FN3963 Rev.12.00
Page 3 of 20
August 2003
LONGITUDINAL CURRENT LIMIT (TIP/RING)
Off-Hook (Active)
No False Detections, (Loop Current),
LB > 45dB (Note 4, Figure 3A)
--
20
mAPEAK
/Wire
On-Hook (Standby), RL = 
No False Detections (Loop Current)
(Note 5, Figure 3B)
--
5
mAPEAK
/Wire
FIGURE 3A. OFF-HOOK
FIGURE 3B. ON-HOOK
FIGURE 3. LONGITUDINAL CURRENT LIMIT
OFF-HOOK LONGITUDINAL BALANCE
Longitudinal to Metallic
IEEE 455 - 1985, RLR, RLT = 368,
0.2kHz < f < 4.0kHz (Note 6, Figure 4)
55
70
-
dB
Longitudinal to Metallic
RLR, RLT = 300, 0.2kHz < f < 4.0kHz (Note 6,
Figure 4)
55
70
-
dB
Metallic to Longitudinal
FCC Part 68, Para 68.310
0.2kHz < f < 1.0kHz
50
55
-
dB
1.0kHz < f < 4.0kHz (Note 7)
50
55
-
dB
Longitudinal to 4-Wire
0.2kHz < f < 4.0kHz (Note 8, Figure 4)
55
70
-
dB
Metallic to Longitudinal
RLR, RLT = 300, 0.2kHz < f < 4.0kHz (Note 9,
Figure 5)
50
55
-
dB
4-Wire to Longitudinal
0.2kHz < f < 4.0kHz (Note 10, Figure 5)
50
55
-
dB
FIGURE 4. LONGITUDINAL TO METALLIC AND
LONGITUDINAL TO 4-WIRE BALANCE
FIGURE 5. METALLIC TO LONGITUDINAL AND 4-WIRE TO
LONGITUDINAL BALANCE
Electrical Specifications
TA = -40oC to 85oC, VCC = 5V 5%, VEE = -5V5%, VBAT = -28V, AGND = BGND = 0V, RDC1 = RDC2 =
41.2k
, RD = 39k, RSG =, RF1 = RF2 = 0, CHP = 10nF, CDC = 1.5F, ZL = 600. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RDC2
41.2k
RDC1
41.2k
CDC
1.5
F
EL
-5V
39k
368
368
C
2.16
F
A
TIP
5
RSN
19
RING
6
RDC
17
DET
RD
A
RDC2
41.2k
RDC1
41.2k
CDC
1.5
F
EL
-5V
39k
368
368
A
TIP
5
RSN
19
RING
6
RDC
17
DET
RD
C
2.16
F
C
2.16
F
A
RT
RRX
EL
VTR
600k
300k
C
RLT
RLR
VTX
2.16
F
TIP
5
VTX
21
RING
6
RSN
19
RT
RRX
ETR
VL
600k
300k
C
RLT
RLR
ERX
300
300
2.16
F
TIP
5
VTX
21
RING
6
RSN
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com