Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5513 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5513 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HC5513 Datasheet HTML 3Page - Renesas Technology Corp HC5513 Datasheet HTML 4Page - Renesas Technology Corp HC5513 Datasheet HTML 5Page - Renesas Technology Corp HC5513 Datasheet HTML 6Page - Renesas Technology Corp HC5513 Datasheet HTML 7Page - Renesas Technology Corp HC5513 Datasheet HTML 8Page - Renesas Technology Corp HC5513 Datasheet HTML 9Page - Renesas Technology Corp HC5513 Datasheet HTML 10Page - Renesas Technology Corp HC5513 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
HC5513
FN3963 Rev.12.00
Page 7 of 20
August 2003
Off-Hook, Active
RL = 0
--
1.1
W
RL = 300
-
-
0.75
W
RL = 600
--
0.5
W
TEMPERATURE GUARD
Thermal Shutdown
150
-
180
oC
SUPPLY CURRENTS (VBAT = -28V)
ICC, On-Hook
Open Circuit State (C1, 2 = 0, 0)
-
-
1.5
mA
Standby State (C1, 2 = 1, 1)
-
-
1.7
mA
Active State (C1, 2 = 0,1)
-
-
5.5
mA
IEE, On-Hook
Open Circuit State (C1, 2 = 0, 0)
-
-
0.8
mA
Standby State (C1, 2 = 1, 1)
-
-
0.8
mA
Active State (C1, 2 = 0, 1)
-
-
2.2
mA
IBAT, On-Hook
Open Circuit State (C1, 2 = 0, 0)
-
-
0.4
mA
Standby State (C1, 2 = 1, 1)
-
-
0.6
mA
Active State (C1, 2 = 0, 1)
-
-
3.9
mA
PSRR
VCC to 2 or 4-Wire Port
(Note 30, Figure 12)
-
40
-
dB
VEE to 2 or 4-Wire Port
(Note 30, Figure 12)
-
40
-
dB
VBAT to 2 or 4-Wire Port
(Note 30, Figure 12)
-
40
-
dB
FIGURE 12. POWER SUPPLY REJECTION RATIO
Electrical Specifications
TA = -40oC to 85oC, VCC = 5V 5%, VEE = -5V5%, VBAT = -28V, AGND = BGND = 0V, RDC1 = RDC2 =
41.2k
, RD = 39k, RSG =, RF1 = RF2 = 0, CHP = 10nF, CDC = 1.5F, ZL = 600. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RT
RRX
600k
300k
RL
VTX
600
100mVRMS, 50Hz TO 4kHz
-48V SUPPLY
5V SUPPLY
-5V SUPPLY
PSRR = 20 log (VTX/VIN)
TIP
5
VTX
21
RING
6
RSN
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com