Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5513 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5513 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HC5513 Datasheet HTML 8Page - Renesas Technology Corp HC5513 Datasheet HTML 9Page - Renesas Technology Corp HC5513 Datasheet HTML 10Page - Renesas Technology Corp HC5513 Datasheet HTML 11Page - Renesas Technology Corp HC5513 Datasheet HTML 12Page - Renesas Technology Corp HC5513 Datasheet HTML 13Page - Renesas Technology Corp HC5513 Datasheet HTML 14Page - Renesas Technology Corp HC5513 Datasheet HTML 15Page - Renesas Technology Corp HC5513 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
HC5513
FN3963 Rev.12.00
Page 12 of 20
August 2003
current, that flows either out of or into tip and ring
simultaneously. Longitudinal currents in the on-hook state
result in equal currents flowing through the sense resistors R1
and R2 (Figure 18). And longitudinal currents in the off-hook
state result in unequal currents flowing through the sense
resistors R1 and R2. Notice that for case 2, longitudinal
currents flowing away from the SLIC, the current through R1 is
the metallic loop current plus the longitudinal current; whereas
the current through R2 is the metallic loop current minus the
longitudinal current. Longitudinal currents are generated when
the phone line is influenced by magnetic fields (e.g., power
lines).
Loop Current Detector
Figure 18 shows a simplified schematic of the loop current and
ground key detectors. The loop current detector works by
sensing the metallic current flowing through resistors R1 and
R2. This results in a current (IRD) out of the transconductance
amplifier (gm1) that is equal to the product of gm1 and the
metallic loop current. IRD then flows out the RD pin and
through resistor RD to VEE. The value of IRD is equal to:
The IRD current results in a voltage drop across RD that is
compared to an internal 1.25V reference voltage. When the
voltage drop across RD exceeds 1.25V, and the logic is
configured for loop current detection, the DET pin goes low.
The hysteresis resistor RH adds an additional voltage
effectively across RD, causing the on-hook to off-hook
threshold to be slightly higher than the off-hook to on-hook
threshold.
Taking into account the hysteresis voltage, the typical value of
RD for the on-hook to off-hook condition is:
Taking into account the hysteresis voltage, the typical value of
RD for the off-hook to on-hook condition is:
A filter capacitor (CD) in parallel with RD will improve the
accuracy of the trip point in a noisy environment. The value of
this capacitor is calculated using the following Equation:
Where: T = 0.5ms.
Ground Key Detector
A simplified schematic of the ground key detector is shown in
Figure 18. Ground key, is the process in which the ring terminal is
shorted to ground for the purpose of signaling an Operator or
seizing a phone line (between the Central Office and a Private
Branch Exchange). The Ground Key detector is activated when
unequal current flow through resistors R1 and R2. This results in a
current (IGK) out of the transconductance amplifier (gm2) that is
equal to the product of gm2 and the differential (ITIP -IRING) loop
current. If IGK is less than the internal current source (I1), then
diode D1 is on and the output of the ground key comparator is low.
If IGK is greater than the internal current source (I1), then diode
D2 is on and the output of the ground key comparator is high. With
the output of the ground key comparator high, and the logic
configured for ground key detect, the DET pin goes low. The
ground key detector has a built in hysteresis of typically 5mA
between its trigger and reset values.
IRD
ITIP IRING
–
600
------------------------------------
IL
300
----------
==
(EQ. 24)
RD
465
ION HOOK to OFF
–
HOOK
–
--------------------------------------------------------------------------
=
(EQ. 25)
RD
375
IOFF HOOK to ON
–
HOOK
–
--------------------------------------------------------------------------
=
(EQ. 26)
CD
T
RD
--------
=
(EQ. 27)
HC5513
DET
RD
R2
gm1
gm2
gm1(IMETALLIC)
RD
CD
VREF
-
CURRENT
LOOP
VEE
-5V
GROUND
KEY
COMPARATOR
gm2(ITIP - IRING)
IRD
RH
I1
D1
D2
IGK
RING
TIP
+
-
R1
+
-
CASE 1
CASE 2
CASE 3
IMETALLIC
¨
ILONGITUDINAL
¨
ILONGITUDINAL
Æ
IMETALLIC
Æ
ILONGITUDINAL
¨
ILONGITUDINAL
Æ
COMPARATOR
DIGITAL MULTIPLEXER
+
-
1.25V
+
-
RH
FIGURE 18. LOOP CURRENT AND GROUND KEY DETECTORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com