Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5513 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5513 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HC5513 Datasheet HTML 7Page - Renesas Technology Corp HC5513 Datasheet HTML 8Page - Renesas Technology Corp HC5513 Datasheet HTML 9Page - Renesas Technology Corp HC5513 Datasheet HTML 10Page - Renesas Technology Corp HC5513 Datasheet HTML 11Page - Renesas Technology Corp HC5513 Datasheet HTML 12Page - Renesas Technology Corp HC5513 Datasheet HTML 13Page - Renesas Technology Corp HC5513 Datasheet HTML 14Page - Renesas Technology Corp HC5513 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
HC5513
FN3963 Rev.12.00
Page 11 of 20
August 2003
Transhybrid Circuit
The purpose of the transhybrid circuit is to remove the receive
signal (VRX) from the transmit signal (VTX), thereby preventing
an echo on the transmit side. This is accomplished by using an
external op amp (usually part of the CODEC) and by the
inversion of the signal from the 4-wire receive port (RSN) to the
4-wire transmit port (VTX). Figure 17 shows the transhybrid
circuit. The input signal will be subtracted from the output
signal if I1 equals I2. Node analysis yields the following
equation:
The value of ZB is then:
Where VRX/VTX equals 1/ A4-4.
Therefore:
Example:
Given: RTX = 20k, ZRX = 280k, ZT = 562k(standard
value), RF = 20 and ZL= 600,
The value of ZB = 18.7k.
Supervisory Functions
The loop current, ground key and the ring trip detector outputs
are multiplexed to a single logic output pin called DET. See
Table 1 to determine the active detector for a given logic input.
For further discussion of the logic circuitry see section titled
“Digital Logic Inputs”.
Before proceeding with an explanation of the loop current
detector, ground key detector and later the longitudinal
impedance, it is important to understand the difference between
a “metallic” and “longitudinal” loop currents. Figure 18 illustrates
3 different types of loop current encountered.
Case 1 illustrates the metallic loop current. The definition of a
metallic loop current is when equal currents flow out of tip and
into ring. Loop current is a metallic current.
Cases 2 and 3 illustrate the longitudinal loop current. The
definition of a longitudinal loop current is a common mode
VTX
RSN
TIP
RING
IM
ZTR
VTR
EG
VTX
IM
1000
VTX
ZRX
1
HC5513
RF
RF
A = 4
+
-
+
-
+
-
+
-
ZT
+
-
VRX
+
-
A = 250
A = 250
IM
ZL
FIGURE 16. SIMPLIFIED AC TRANSMISSION CIRCUIT
VTX
RTX
-----------
VRX
ZB
-----------
+
0
=
(EQ. 21)
ZB
R
– TX
VRX
VTX
-----------
=
(EQ. 22)
ZB
RTX
ZRX
ZT
-----------
ZT
1000
-------------
2RF ZL
++
ZL 2RF
+
--------------------------------------------
=
(EQ. 23)
HC5513
VTX
RSN
RTX
RFB
CODEC/
FILTER
I1
I2
VTX
ZRX
ZT
+
-
ZB
VRX
+
-
+
-
FIGURE 17. TRANSHYBRID CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com