Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5513 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5513 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HC5513 Datasheet HTML 11Page - Renesas Technology Corp HC5513 Datasheet HTML 12Page - Renesas Technology Corp HC5513 Datasheet HTML 13Page - Renesas Technology Corp HC5513 Datasheet HTML 14Page - Renesas Technology Corp HC5513 Datasheet HTML 15Page - Renesas Technology Corp HC5513 Datasheet HTML 16Page - Renesas Technology Corp HC5513 Datasheet HTML 17Page - Renesas Technology Corp HC5513 Datasheet HTML 18Page - Renesas Technology Corp HC5513 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
HC5513
FN3963 Rev.12.00
Page 15 of 20
August 2003
SLIC Operating States
Notes
2. Overload Level (Two-Wire port) -
The overload level is specified
at the 2-wire port (VTR0) with the signal source at the 4-wire receive
port (ERX). IDCMET = 30A, increase the amplitude of ERX until 1%
THD is measured at VTRO. Reference Figure 1.
3. Longitudinal Impedance -
The longitudinal impedance is com-
puted using the following equations, where TIP and RING volt-
ages are referenced to ground. LZT, LZR, VT, VR, AR and AT are
defined in Figure 2.
(TIP) LZT = VT/AT
(RING) LZR = VR/AR
Where: EL = 1VRMS (0Hz to 100Hz).
4. Longitudinal Current Limit (Off-Hook Active) -
Off-Hook
(Active, C1 = 1, C2 = 0) longitudinal current limit is determined by
increasing the amplitude of EL (Figure 3A) until the 2-wire longitu-
dinal balance drops below 45dB. DET pin remains low (no false
detection).
5. Longitudinal Current Limit (On-Hook Standby) -
On-Hook
(Active, C1 = 1, C2 = 1) longitudinal current limit is determined by
increasing the amplitude of EL (Figure 3B) until the 2-wire longitudi-
nal balance drops below 45dB. DET pin remains high (no false
detection).
6. Longitudinal to Metallic Balance -
The longitudinal to metallic
balance is computed using the following equation:
BLME = 20
 log (EL/VTR), where: EL and VTR are defined in Fig-
ure 4.
7. Metallic to Longitudinal FCC Part 68, Para 68.310 -
The metal-
lic to longitudinal balance is defined in this spec.
8. Longitudinal to Four-Wire Balance -
The longitudinal to 4-wire
balance is computed using the following equation:
BLFE = 20
 log (EL/VTX),: EL and VTX are defined in Figure 4.
9. Metallic to Longitudinal Balance -
The metallic to longitudinal
balance is computed using the following equation:
BMLE = 20
 log (ETR/VL), ERX = 0
Where: ETR, VL and ERX are defined in Figure 5.
10. Four-Wire to Longitudinal Balance -
The 4-wire to longitudinal
balance is computed using the following equation:
BFLE = 20
 log (ERX/VL), ETR = source is removed.
Where: ERX, VL and ETR are defined in Figure 5.
11. Two-Wire Return Loss -
The 2-wire return loss is computed
using the following equation:
r = -20
 log (2VM/VS)
Where: ZD = The desired impedance; e.g., the characteristic
impedance of the line, nominally 600
(Reference Figure 6).
12. Overload Level (4-Wire port) -
The overload level is specified at
the 4-wire transmit port (VTXO) with the signal source (EG) at the
2-wire port, IDCMET = 23mA, ZL = 20k (Reference Figure 7).
Increase the amplitude of EG until 1% THD is measured at VTXO.
Note that the gain from the 2-wire port to the 4-wire port is equal to
1.
13. Output Offset Voltage -
The output offset voltage is specified
with the following conditions: EG = 0, IDCMET = 23mA, ZL =
and is measured at VTX. EG, IDCMET, VTX and ZL are defined in
Figure 7. Note: IDCMET is established with a series 600 resistor
between tip and ring.
TABLE 1. LOGIC TRUTH TABLE
E0
E1
C1
C2
SLIC OPERATING STATE
ACTIVE DETECTOR
DET OUTPUT
0
0
0
0
Open Circuit
No Active Detector
Logic Level High
0
0
0
1
Active
Ground Key Detector
Ground Key Status
0
0
1
0
Ringing
No Active Detector
Logic Level High
0
0
1
1
Standby
Ground Key Detector
Ground Key Status
0
1
0
0
Open Circuit
No Active Detector
Logic Level High
0
1
0
1
Active
Loop Current Detector
Loop Current Status
0
1
1
0
Ringing
Ring Trip Detector
Ring Trip Status
0
1
1
1
Standby
Loop Current Detector
Loop Current Status
1
0
0
0
Open Circuit
No Active Detector
Logic Level High
1
0
0
1
Active
Ground Key Detector
1
0
1
0
Ringing
No Active Detector
1
0
1
1
Standby
Ground Key Detector
1
1
0
0
Open Circuit
No Active Detector
1
1
0
1
Active
Loop Current Detector
1
1
1
0
Ringing
Ring Trip Detector
1
1
1
1
Standby
Loop Current Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com