Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5513 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5513 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HC5513 Datasheet HTML 6Page - Renesas Technology Corp HC5513 Datasheet HTML 7Page - Renesas Technology Corp HC5513 Datasheet HTML 8Page - Renesas Technology Corp HC5513 Datasheet HTML 9Page - Renesas Technology Corp HC5513 Datasheet HTML 10Page - Renesas Technology Corp HC5513 Datasheet HTML 11Page - Renesas Technology Corp HC5513 Datasheet HTML 12Page - Renesas Technology Corp HC5513 Datasheet HTML 13Page - Renesas Technology Corp HC5513 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
HC5513
FN3963 Rev.12.00
Page 10 of 20
August 2003
where:
VTR = Is the AC metallic voltage between tip and ring,
including the voltage drop across the fuse resistors RF .
VTX = Is the AC metallic voltage. Either at the ground
referenced 4-wire side or the SLIC tip and ring terminals.
IM = Is the AC metallic current.
RF = Is a fuse resistor.
ZT = Is used to set the SLIC’s 2-wire impedance.
VRX = Is the analog ground referenced receive signal.
ZRX = Is used to set the 4-wire to 2-wire gain.
EG = Is the AC open circuit voltage.
ZL = Is the line impedance.
(AC) 2-Wire Impedance
The AC 2-wire impedance (ZTR) is the impedance looking into
the SLIC, including the fuse resistors, and is calculated as
follows:
Let VRX = 0. Then from Equation 10
ZTR is defined as:
Substituting in Equation 9 for VTR
Substituting in Equation 12 for VTX
Therefore
Equation 16 can now be used to match the SLIC’s impedance
to any known line impedance (ZTR).
Example:
Calculate ZT to make ZTR = 600 in series with 2.16F.
RF = 20:
ZT = 560k in series with 2.16nF.
(AC) 2-Wire to 4-Wire Gain
The 2-wire to 4-wire gain is equal to VTX/ VTR.
From Equations 9 and 10 with VRX = 0:
(AC) 4-Wire to 2-Wire Gain
The 4-wire to 2-wire gain is equal to VTR/VRX.
From Equations 9, 10 and 11 with EG = 0:
For applications where the 2-wire impedance (ZTR,
Equation 15) is chosen to equal the line impedance (ZL), the
expression for A4-2 simplifies to:
(AC) 4-Wire to 4-Wire Gain
The 4-wire to 4-wire gain is equal to VTX/VRX.
From Equations 9, 10 and 11 with EG = 0:
VTX
ZT
IM
1000
-------------
=
(EQ. 12)
ZTR
VTR
IM
-----------
=
(EQ. 13)
ZTR
VTX
IM
-----------
2RF IM
IM
-----------------------
+
=
(EQ. 14)
ZTR
ZT
1000
-------------
2RF
+
=
(EQ. 15)
ZT
1000
ZTR 2RF
–

=
(EQ. 16)
ZT
1000
600
1
j
 2.16
10
6
–
-----------------------------------------
220
–
+


=
A24
–
VTX
VTR
-----------
ZT 1000
ZT 1000
2RF
+
------------------------------------------
==
(EQ. 17)
A42
–
VTR
VRX
-----------
ZT
ZRX
-----------
–
ZL
ZT
1000
-------------
2RF ZL
++
--------------------------------------------
==
(EQ. 18)
A42
–
ZT
ZRX
-----------
–
1
2
---
=
(EQ. 19)
A44
–
VTX
VRX
-----------
ZT
ZRX
-----------
–
ZL 2RF
+
ZT
1000
-------------
2RF ZL
++
--------------------------------------------
==
(EQ. 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com