Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5513 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5513 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HC5513 Datasheet HTML 1Page - Renesas Technology Corp HC5513 Datasheet HTML 2Page - Renesas Technology Corp HC5513 Datasheet HTML 3Page - Renesas Technology Corp HC5513 Datasheet HTML 4Page - Renesas Technology Corp HC5513 Datasheet HTML 5Page - Renesas Technology Corp HC5513 Datasheet HTML 6Page - Renesas Technology Corp HC5513 Datasheet HTML 7Page - Renesas Technology Corp HC5513 Datasheet HTML 8Page - Renesas Technology Corp HC5513 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
HC5513
FN3963 Rev.12.00
Page 4 of 20
August 2003
2-Wire Return Loss
CHP = 20nF
0.2kHz to 0.5kHz (Note 11, Figure 6)
25
-
-
dB
0.5kHz to 1.0kHz (Note 11, Figure 6)
27
-
-
dB
1.0kHz to 3.4kHz (Note 11, Figure 6)
23
-
-
dB
TIP IDLE VOLTAGE
Active, IL = 0
--4-
V
Standby, IL = 0
-<0
-
V
RING IDLE VOLTAGE
Active, IL = 0
--24
-
V
Standby, IL = 0
->-28-
V
4-WIRE TRANSMIT PORT (VTX)
Overload Level
(ZL > 20k, 1% THD) (Note 12, Figure 7)
3.1
-
-
VPEAK
Output Offset Voltage
EG = 0, ZL = , (Note 13, Figure 7)
-60
-
60
mV
Output Impedance (Guaranteed by Design)
0.2kHz < f < 03.4kHz
-
5
20
2- to 4-Wire (Metallic to VTX) Voltage Gain
0.3kHz < f < 03.4kHz (Note 14, Figure 7)
0.98
1.0
1.02
V/V
FIGURE 6. TWO-WIRE RETURN LOSS
FIGURE 7. OVERLOAD LEVEL (4-WIRE TRANSMIT PORT),
OUTPUT OFFSET VOLTAGE, 2-WIRE TO 4-
WIRE VOLTAGE GAIN AND HARMONIC
DISTORTION
4-WIRE RECEIVE PORT (RSN)
DC Voltage
IRSN = 0mA
-
0
-
V
RX Sum Node Impedance (Guaranteed by
Design)
0.3kHz < f < 3.4kHz
-
-
20
Current Gain-RSN to Metallic
0.3kHz < f < 3.4kHz (Note 15, Figure 8)
980
1000
1020
Ratio
FREQUENCY RESPONSE (OFF-HOOK)
2-Wire to 4-Wire
0dBm at 1.0kHz, ERX = 0V
0.3kHz < f < 3.4kHz (Note 16, Figure 9)
-0.2
-
0.2
dB
4-Wire to 2-Wire
0dBm at 1.0kHz, EG = 0V
0.3kHz < f < 3.4kHz (Note 17, Figure 9)
-0.2
-
0.2
dB
4-Wire to 4-Wire
0dBm at 1.0kHz, EG = 0V
0.3kHz < f < 3.4kHz (Note 18, Figure 9)
-0.2
-
0.2
dB
Electrical Specifications
TA = -40oC to 85oC, VCC = 5V 5%, VEE = -5V5%, VBAT = -28V, AGND = BGND = 0V, RDC1 = RDC2 =
41.2k
, RD = 39k, RSG =, RF1 = RF2 = 0, CHP = 10nF, CDC = 1.5F, ZL = 600. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RRX
VS
300k
ZD
RLR
RT
600k
R
R
ZIN
VM
TIP
5
VTX
21
RING
6
RSN
19
RT
RRX
IDCMET
600k
300k
C
EG
RL
VTXO
600
ZL
VTR
23mA
2.16
F
VTX
TIP
5
VTX
21
RING
6
RSN
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com