Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1623 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 2SC1623
Description  High DC current gain hFE 200(Typ)VCE 6V, IC 1mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

2SC1623 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  2SC1623 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED 2SC1623 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
High DC current gain :hFE=200(Typ)VCE=6V, IC=1mA
High voltage:VCEO=50V
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
60
V
Collector-Emitter Voltage
V
CEO
50
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current -Continuous
I
C
0.1
A
Collector Power Dissipation
PC
0.2
W
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=100μA,IE=0
60
V
Collector-emitter breakdown voltage
VCEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
VEBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=6V,IC=1mA
90
200
600
Collector-emitter saturation voltage
VCE(sat)
IC=100mA,IB=10mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA,IB=10mA
1
V
Transition frequency
fT
VCE=6V,IC=10mA
250
MHz
CLASSIFICATIONOF
hFE
Rank
L4
L5
L6
L7
Range
90-180
135-270
200-400
300-600
(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
C1623
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - 2SC1623

ManufacturerPart #DatasheetDescription
logo
NEC
2SC1623 NEC-2SC1623 Datasheet
60Kb / 6P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Weitron Technology
2SC1623 WEITRON-2SC1623 Datasheet
194Kb / 4P
NPN General Purpose Transistors
logo
Micro Commercial Compon...
2SC1623 MCC-2SC1623 Datasheet
62Kb / 1P
NPN Silicon Epitaxial Transistors
logo
TRANSYS Electronics Lim...
2SC1623 TEL-2SC1623 Datasheet
67Kb / 1P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC1623 BILIN-2SC1623 Datasheet
203Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - 2SC1623

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM9012 GSME-GM9012 Datasheet
246Kb / 3P
Excellent HFE Linearity HFE hFE(2)=25(Min.) at VCE=6V,Ic=400mA.
GM9013 GSME-GM9013 Datasheet
245Kb / 3P
Excellent HFE Linearity HFE hFE(2)=25(Min.) at VCE=6V,Ic=400mA
logo
Inchange Semiconductor ...
2SB1531 ISC-2SB1531 Datasheet
101Kb / 2P
High DC Current Gain- : hFE= 5000(Min)@IC= -5A
2SB881 ISC-2SB881 Datasheet
102Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -3.5A
2SB882 ISC-2SB882 Datasheet
102Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -5A
2SB883 ISC-2SB883 Datasheet
84Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -7A
2SB897 ISC-2SB897 Datasheet
93Kb / 2P
High DC Current Gain- : hFE = 1000(Min)@ IC= -10A
2SB955 ISC-2SB955 Datasheet
101Kb / 2P
High DC Current Gain- : hFE = 1000(Min)@ IC= -5A
2N4908 ISC-2N4908 Datasheet
104Kb / 2P
DC Current Gain-: hFE= 20-80 @IC= -4A
2N4907 ISC-2N4907 Datasheet
104Kb / 2P
DC Current Gain-: hFE= 20-80 @IC= -4A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com