Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8050 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # SS8050
Description  Complimentary to SS8550
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

SS8050 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  SS8050 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED SS8050 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
Complimentary to SS8550
Marking :
Y1
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
40
V
Collector-Emitter Voltage
V
CEO
25
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current -Continuous
I
C
1500
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC= 100μA, IE=0
40
V
Collector-emitter breakdown voltage
VCEO
IC= 0.1mA, IB=0
25
V
Emitter-base breakdown voltage
VEBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICB
O
VCB=40V, IE=0
0.1
μA
Collector cut-off current
ICEO
VCB=20V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
μA
DC current gain
hFE(1)
VCE=1V, IC= 100mA
120
400
hFE(2)
VCE=1V, IC= 800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=800mA, IB= 80mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=800mA, IB= 80mA
1.2
V
Transition frequency
fT
VCE=10V, IC= 50mA
f=30MHz
100
MHz
CLASSIFICATION OF
hFE
Rank
L
H
J
Range
120-200
200-350
300-400
(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
SS8050
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - SS8050

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
SS8050 WINGS-SS8050 Datasheet
58Kb / 1P
TRANSISTOR (NPN)
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Weitron Technology
SS8050 WEITRON-SS8050 Datasheet
223Kb / 4P
NPN General Purpose Transistors
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
43Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Galaxy Semi-Conductor H...
SS8050 BILIN-SS8050 Datasheet
194Kb / 4P
Silicon Epitaxial Planar Transistor
More results

Similar Description - SS8050

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N7372 MICROSEMI-2N7372 Datasheet
56Kb / 3P
Complimentary Power Transistors in Hermetic Isolated TO-254AA Packages
logo
Vishay Siliconix
SI9942DY VISHAY-SI9942DY Datasheet
77Kb / 6P
Complimentary 20-V (D-S) MOSFET
27-Mar-00
logo
Advanced Monolithic Sys...
AMS222 ADMOS-AMS222 Datasheet
676Kb / 7P
COMPLIMENTARY OUTPUT OSCILLATOR/CLOCK GENERATOR
logo
Seme LAB
MHQ6002 SEME-LAB-MHQ6002 Datasheet
259Kb / 3P
QUAD COMPLIMENTARY TRANSISTORS
logo
Pan Jit International I...
BSS8402DW PANJIT-BSS8402DW_14 Datasheet
276Kb / 8P
COMPLIMENTARY PAIR ENHANCEMENT MODE MOSFETS
logo
Solid States Devices, I...
TR0032F SSDI-TR0032F Datasheet
139Kb / 2P
Complimentary NPN & PNP Transistor
logo
MAKO SEMICONDUCTOR CO.,...
PXT8050 MAKOSEMI-PXT8050 Datasheet
99Kb / 2P
Complimentary to PXT8550
PXT8550 MAKOSEMI-PXT8550 Datasheet
101Kb / 2P
Complimentary to PXT8050
SS8550 MAKOSEMI-SS8550 Datasheet
87Kb / 2P
Complimentary to SS8050
logo
Texas Instruments
UC1715-SP TI-UC1715-SP_15 Datasheet
329Kb / 14P
COMPLIMENTARY SWITCH FET DRIVERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com