Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1830 Datasheet(PDF) 39 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 39 Page - NEC

Back Button UPC1830 Datasheet HTML 35Page - NEC UPC1830 Datasheet HTML 36Page - NEC UPC1830 Datasheet HTML 37Page - NEC UPC1830 Datasheet HTML 38Page - NEC UPC1830 Datasheet HTML 39Page - NEC UPC1830 Datasheet HTML 40Page - NEC UPC1830 Datasheet HTML 41Page - NEC UPC1830 Datasheet HTML 42Page - NEC UPC1830 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
µPC1830
39
8. OPERATING PRECAUTIONS
8.1
µPC1830 External Components
(1) Resistors
Use E24 series resistors (approximately 5% precision) of 1/4 W or higher.
(2) Capacitors
• Ceramic capacitors of 1000 pF or below
Capacitors used for the time constant circuit. Basically use E12 series (10% precision) ones with the center value
= 0 in nominal temperature characteristic.
• Ceramic capacitors of 1000 pF or higher
Equivalent to capacitors for non-critical time constant circuits and for clamp, and bypass capacitors between power
supply and GND. Use E12 series (10% precision) ones. Use a type whose capacitance is not extremely affected
by temperature variations (ie. with an excellent temperature characteristic).
• Electrolytic capacitors
Use E6 series (20% precision) ones. Use ones whose capacitance is not extremely affected by temperature
variations (ie. with an excellent temperature characteristic).
(3) Crystal resonators
Use crystal resonators of 16 pF load type as shown below.
• For PAL
: 4.433 619 MHz (model name: HC-49/U, manufactured by Kinseki, Ltd.)
• For NTSC : 3.579 545 MHz (model name: TQC203A-8R (HC-49/U-10 type), manufactured by Toyo
Communication Equipment Co., Ltd.)
Note that use of crystal resonators other than the above may deteriorate electrical characteristics.
(4) Ceramic resonators
Use ceramic resonators as shown below.
• CSB500 F23 (manufactured by Murata Mfg. Co., Ltd.)
Note that use of ceramic resonators other than the above may deteriorate mainly electrical characteristics of the sync.
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com