Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1830 Datasheet(PDF) 21 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 21 Page - NEC

Back Button UPC1830 Datasheet HTML 17Page - NEC UPC1830 Datasheet HTML 18Page - NEC UPC1830 Datasheet HTML 19Page - NEC UPC1830 Datasheet HTML 20Page - NEC UPC1830 Datasheet HTML 21Page - NEC UPC1830 Datasheet HTML 22Page - NEC UPC1830 Datasheet HTML 23Page - NEC UPC1830 Datasheet HTML 24Page - NEC UPC1830 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
µPC1830
21
6. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = +25
°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Power supply voltage
VCC
7.0
V
Video input signal voltage
VIY
VCC
V
Chroma input signal voltage
VIC
VCC
V
Synchronous separation input signal voltage
VIS
VCC
V
Control signal voltage
VIcnt
VCC
V
Permissible package power dissipation
PD
500 (on board, TA = +75
°C)
mW
Operating ambient temperature
TA
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Caution
Even if one of the parameters exceeds its absolute maximum rating even momentarily, the quality
of the product may be degraded. The absolute maximum rating therefore specifies the upper
or lower limit of the value at which the product can be used without physical damages. Be sure
not to exceed or fall below this values when using the product.
Recommended Operating Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage
VCC
4.5
5.0
5.5
V
Composite video input voltage
VYC
—
1.0
—
Vp-p
Separate chroma input signal
VC
—
150
—
mVp-p
voltage
Synchronous separation input
VS
—
1.0
—
Vp-p
signal voltage
Control signal voltage
Vcont
0—
VCC
V
Color difference input voltage
VR-Y
1.0
VP-P
VB-Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com