Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1830 Datasheet(PDF) 13 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 13 Page - NEC

Back Button UPC1830 Datasheet HTML 9Page - NEC UPC1830 Datasheet HTML 10Page - NEC UPC1830 Datasheet HTML 11Page - NEC UPC1830 Datasheet HTML 12Page - NEC UPC1830 Datasheet HTML 13Page - NEC UPC1830 Datasheet HTML 14Page - NEC UPC1830 Datasheet HTML 15Page - NEC UPC1830 Datasheet HTML 16Page - NEC UPC1830 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
µPC1830
13
5. BLOCK OPERATION
5.1 Video Signal Processing Section
(1) Input signal
After coupling by a capacitor (0.22
µF), a 1 Vp-p composite video signal is input to the composite video signal input
pin (pin 36).
(2) Clamp circuit
The clamp circuit controls the pedestal voltage level to be constant to make it a reference voltage for the post-stage
signal processing.
(3) Chroma trap circuit
Eliminates the chroma signal (NTSC system: approximately 3.58 MHz, PAL system: approximately 4.43 MHz) from
a composite video signal and extracts a brightness signal.
(4) Separate/composite switching circuit
Operates as shown in Table 5-1 according to the voltage of the separate chroma input pin (pin 34).
Table 5-1. Operation when Switching Separate/Composite Signals
Separate chroma input
Mode
Brightness signal
ACC amp input
pin (pin 34) voltage
processing
Less than 3.7 V
Y/C separate input
Without chroma trap
Input from separate chroma
3.7 V or higher
Composite video input
With chroma trap
Input from chroma BPF
(5) Delay circuit
Compensates for the delay between the brightness signal and chroma signal by delaying the brightness signal.
(6) Contrast adjustment circuit
Adjusts the amplitude of the brightness signal output from the Y output pin (pin 12) according to the voltage of the
contrast control pin (pin 38).
The control characteristic is shown in Figure 5-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com