Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS393DMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS393DMSR
Description  Radiation Hardened Dual 4-Stage Binary Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS393DMSR Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS393DMSR Datasheet HTML 1Page - Intersil Corporation HCTS393DMSR Datasheet HTML 2Page - Intersil Corporation HCTS393DMSR Datasheet HTML 3Page - Intersil Corporation HCTS393DMSR Datasheet HTML 4Page - Intersil Corporation HCTS393DMSR Datasheet HTML 5Page - Intersil Corporation HCTS393DMSR Datasheet HTML 6Page - Intersil Corporation HCTS393DMSR Datasheet HTML 7Page - Intersil Corporation HCTS393DMSR Datasheet HTML 8Page - Intersil Corporation HCTS393DMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
675
Specifications HCTS393MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CPn to Q0
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
29
ns
10, 11
+125oC, -55oC
2
34
ns
CPn to Q1
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
36
ns
10, 11
+125oC, -55oC
2
43
ns
CPn to Q2
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
43
ns
10, 11
+125oC, -55oC
2
52
ns
CPn to Q3
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
49
ns
10, 11
+125oC, -55oC
2
59
ns
MR to Qn
TPHL
VCC = 4.5V
9
+25oC
2
30
ns
10, 11
+125oC, -55oC
2
34
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
39
pF
1
+125oC, -55oC
-
60
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL,
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC, -55oC
-
22
ns
Max Operating
Frequency
FMAX
VCC = 4.5V
1
+25oC
-
27
MHz
1
+125oC, -55oC
-
18
MHz
Pulse Width Clock
TW
(CP)
VCC = 4.5V
1
+25oC19
-
ns
1
+125oC, -55oC29
-
ns
Pulse Width Reset
TW
(R)
VCC = 4.5V
1
+25oC16
-
ns
1
+125oC, -55oC24
-
ns
Recovery Time
Reset
TREC
VCC = 4.5V
1
+25oC5
-
ns
1
+125oC, -55oC5
-
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518633



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com