Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS393DMSR Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCTS393DMSR
Description  Radiation Hardened Dual 4-Stage Binary Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS393DMSR Datasheet(HTML) 1 Page - Intersil Corporation

  HCTS393DMSR Datasheet HTML 1Page - Intersil Corporation HCTS393DMSR Datasheet HTML 2Page - Intersil Corporation HCTS393DMSR Datasheet HTML 3Page - Intersil Corporation HCTS393DMSR Datasheet HTML 4Page - Intersil Corporation HCTS393DMSR Datasheet HTML 5Page - Intersil Corporation HCTS393DMSR Datasheet HTML 6Page - Intersil Corporation HCTS393DMSR Datasheet HTML 7Page - Intersil Corporation HCTS393DMSR Datasheet HTML 8Page - Intersil Corporation HCTS393DMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
672
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS393DMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead SBDIP
HCTS393KMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead Ceramic Flatpack
HCTS393D/Sample
+25oC
Sample
14 Lead SBDIP
HCTS393K/Sample
+25oC
Sample
14 Lead Ceramic Flatpack
HCTS393HMSR
+25oC
Die
Die
HCTS393MS
Radiation Hardened
Dual 4-Stage Binary Counter
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T14
TOP VIEW
14 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP3-F14
TOP VIEW
CP 1
MR 1
Q0 1
Q1 1
Q2 1
Q3 1
GND
VCC
2 CP
2 MR
2 Q0
2 Q1
2 Q2
2 Q3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
CP 1
MR 1
Q0 1
Q1 1
Q2 1
Q3 1
GND
VCC
2 CP
2 MR
2 Q0
2 Q1
2 Q2
2 Q3
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Standard Outputs: 10 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCTS393MS is a Radiation Hardened 4-stage
riple-carry binary counter. All counter stages are master-
slave flip-flop. The state of the stage advances one count on
the negative transition of each clock pulse. A high voltage
level on the MR line resets all counters to their zero state. All
inputs and outputs are buffered.
The HCTS393MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS393MS is supplied in a 14 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
August 1995
Spec Number
518633
File Number
3071.1


Similar Part No. - HCTS393DMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS393DMSR RENESAS-HCTS393DMSR Datasheet
471Kb / 9P
Radiation Hardened Dual 4-Stage Binary Counter
August 1995
More results

Similar Description - HCTS393DMSR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS390 MOTOROLA-SN54LS390 Datasheet
193Kb / 7P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A Datasheet
188Kb / 8P
Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
Dual 4-Stage Binary Ripple Counter
REV 6
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
System Logic Semiconduc...
SL74HC393 SLS-SL74HC393 Datasheet
50Kb / 7P
Dual 4-Stage Binary Ripple Counter
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
logo
Intersil Corporation
HCTS93MS INTERSIL-HCTS93MS Datasheet
168Kb / 9P
Radiation Hardened 4-Bit Binary Ripple Counter
August 1995
logo
ON Semiconductor
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC74HC393A ONSEMI-MC74HC393A_14 Datasheet
120Kb / 8P
Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
logo
Renesas Technology Corp
HCTS393MS RENESAS-HCTS393MS Datasheet
471Kb / 9P
Radiation Hardened Dual 4-Stage Binary Counter
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com