Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS393DMSR Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS393DMSR
Description  Radiation Hardened Dual 4-Stage Binary Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS393DMSR Datasheet(HTML) 8 Page - Intersil Corporation

  HCTS393DMSR Datasheet HTML 1Page - Intersil Corporation HCTS393DMSR Datasheet HTML 2Page - Intersil Corporation HCTS393DMSR Datasheet HTML 3Page - Intersil Corporation HCTS393DMSR Datasheet HTML 4Page - Intersil Corporation HCTS393DMSR Datasheet HTML 5Page - Intersil Corporation HCTS393DMSR Datasheet HTML 6Page - Intersil Corporation HCTS393DMSR Datasheet HTML 7Page - Intersil Corporation HCTS393DMSR Datasheet HTML 8Page - Intersil Corporation HCTS393DMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
679
HCTS393MS
AC Load Circuit
AC Timing Diagrams
FIGURE 1. CLOCK PRE-REQUISITE AND PROPAGATION DE-
LAY, AND OUTPUT-TRANSITION TIMES
FIGURE 2. MASTER RESET PRE-REQUISITE AND PROPAGA-
TION DELAYS
FIGURE 3. OUTPUT TRANSITION TIME
CP
Qn
VS
VS
TW
TPLH
VS
VS
INPUT
LEVEL
VS
TPHL
tr
tf
CP
VS
INPUT
LEVEL
VS
VS
MR
Qn
TPHL
TREC
VS
TW
OUTPUT
TTHL
80%
20%
80%
20%
VOH
VOL
TTLH
AC VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Ω
Spec Number
518633



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com