Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1892 Datasheet(PDF) 3 Page - NEC

Part # 1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

1892 Datasheet(HTML) 3 Page - NEC

  1892 Datasheet HTML 1Page - NEC 1892 Datasheet HTML 2Page - NEC 1892 Datasheet HTML 3Page - NEC 1892 Datasheet HTML 4Page - NEC 1892 Datasheet HTML 5Page - NEC 1892 Datasheet HTML 6Page - NEC 1892 Datasheet HTML 7Page - NEC 1892 Datasheet HTML 8Page - NEC 1892 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
HPF
28
29
2
3
4
5
30
22
21
1
20
19
18
14
9
12
26
25
13
16
DC CONTROL
17
15
11
10
23
8
7
27
24
VOLUME
CONTROL
TONE
(BASS, TREBLE)
CONTROL
TONE
(BASS, TREBLE)
CONTROL
6
820 k
Ω
2200 pF
FC1
FC2
FC3
FC4
0.022 F
0.1 F
0.082 F
µ
µ
1 F
+
µ
0.15 F
VCC
+5 V
510
Ω 510 Ω
10 k
Ω
L OUTPUT
L+ (L–R)
ϕ
µ
VOLUME
CONTROL
BALANCE
CONTROL
L + R
VOLUME
CONTROL
10 k
Ω
510
Ω
10 k
Ω
+
4.7 F
R OUTPUT
R– (L–R)
ϕ
µ
+
4.7 F
L+R OUTPUT
L+R
µ
+
4.7 F
REAR OUTPUT
(L–R)
ϕ
(L–R)
ϕ
µ
+
4.7 F
6800 pF
µ
0.022 F 1000 pF
µ
µ
Note
Note
GND
+5 V
510
Ω
510
Ω
10 k
Ω
TREBLE
CONTROL
BASS
CONTROL
10 k
Ω
0.15 F
6800 pF
µ
+5 V
MS2
MS1
510
Ω
EFFECT
CONTROL
10 k
Ω
1 k
Ω
Music
OFF
L–R
Movie/
Music
Simulated
–
+
–
+
Simulated/Movie
PS1
LPF
1
PS2 PS3 PS4
LPF
2
PHASE SHIFTER
1 k
Ω
VCC
RIN
MODE
CONTROL
+
680 pF
22 F
1
2
µ
+
22 F
µ
22 F
µ
LIN
+
Note
Note
VCC
1
2
Note Recommended Precision:
±1 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com