Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1892 Datasheet(PDF) 13 Page - NEC

Part # 1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

1892 Datasheet(HTML) 13 Page - NEC

Back Button 1892 Datasheet HTML 9Page - NEC 1892 Datasheet HTML 10Page - NEC 1892 Datasheet HTML 11Page - NEC 1892 Datasheet HTML 12Page - NEC 1892 Datasheet HTML 13Page - NEC 1892 Datasheet HTML 14Page - NEC 1892 Datasheet HTML 15Page - NEC 1892 Datasheet HTML 16Page - NEC 1892 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
µPC1892
13
µPC1892CT-02 Volume control, tone control block (1/1)
Parameter
Symbol
Test conditions Note 1
MIN. TYP. MAX. Unit
Volume attenuation
ATTVOL
VIN = 0.5 Vr.m.s., f = 1 kHz,
H
M
M
M
OFF
–
–
–90
dB
Volume control voltage: 0.2 V
↓
0 dB: Volume control voltage = H
0.2
Filter: JIS-A
L+R volume attenuation
ATTL+RVOL
VIN = 0.5 Vr.m.s., f = 1 kHz,
–
–
–
–
–
–
–85
–75
dB
L+R volume control voltage:
0.2 V
0 dB: L+R volume control
voltage = H
Filter: JIS-A
Balance attenuation 1
ATTBALL1
VIN = 0.5 Vr.m.s., f = 1 kHz,
H
M
M
M
OFF
–19
–16
–10
dB
L-ch
Balance control voltage: 4.3 V
↓
0 dB: Balance control voltage = M
4.3
Filter: JIS-A
Balance attenuation 2
ATTBALL2
VIN = 0.5 Vr.m.s., f = 1 kHz,
H
M
M
M
OFF
–
–
–90
dB
L-ch
Balance control voltage: 5 V
↓
0 dB: Balance control voltage = M
5.0
Filter: JIS-A
Balance attenuation 1
ATTBALR1
VIN = 0.5 Vr.m.s., f = 1 kHz,
H
M
M
M
OFF
–19
–16
–10
dB
R-ch
Balance control voltage: 0.7 V
↓
0 dB: Balance control voltage = M
0.7
Filter: JIS-A
Balance attenuation 2
ATTBALR2
VIN = 0.5 Vr.m.s., f = 1 kHz,
H
M
M
M
OFF
–
–
–90
dB
R-ch
Balance control voltage: 0 V
↓
0 dB: Balance control voltage = M
0.0
Filter: JIS-A
Low-band boost control
VBB
VIN = 0.5 Vr.m.s., f = 100 Hz,
H
M
M
M
OFF
7
10
13
dB
Bass control voltage: 4.5 V
↓
0 dB: Bass control voltage = M
4.5
Low-band cut control
VBC
VIN = 0.5 Vr.m.s., f = 100 Hz,
H
M
M
M
OFF
–13
–10
–7
dB
Bass control voltage: 0.5 V
↓
0 dB: Bass control voltage = M
0.5
High-band boost control
VTB
VIN = 0.5 Vr.m.s., f = 10 kHz,
H
M
M
M
OFF
7
10
13
dB
Treble control voltage: 4.5 V
↓
0 dB: Treble control voltage = M
4.5
High-band cut control
VTC
VIN = 0.5 Vr.m.s., f = 10 kHz,
H
M
M
M
OFF
–13
–10
–7
dB
Treble control voltage: 0.5 V
↓
0 dB: Treble control voltage = M
0.5
Note 1. H: 5.0 V, M: 2.5 V, L: 0 V, –: Undefined, The alphanumeric numbers in this table represent the level (V).
2. OFF: OFF mode, –: Undefined
Note 2
Note 1
Control pin voltage
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com