Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1892 Datasheet(PDF) 21 Page - NEC

Part # 1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

1892 Datasheet(HTML) 21 Page - NEC

Back Button 1892 Datasheet HTML 17Page - NEC 1892 Datasheet HTML 18Page - NEC 1892 Datasheet HTML 19Page - NEC 1892 Datasheet HTML 20Page - NEC 1892 Datasheet HTML 21Page - NEC 1892 Datasheet HTML 22Page - NEC 1892 Datasheet HTML 23Page - NEC 1892 Datasheet HTML 24Page - NEC 1892 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
µPC1892
21
Electrical characteristics measurement:
µPC1892CT-02 Volume control, tone control block (1/3)
Parameter
Symbol
Test conditions
Surround
mode
VOL
BAL
TRE
BAS
L+R
EFF
Volume attenuation
ATTVOL
OFF
5.0
2.5
2.5
2.5
–
–
↓
L-channel
0.2
LIN (Pin 25) : f = 1 kHz, VIN = 0.5 Vr.m.s.
VREF : LOUT (Pin 14) (Volume control
voltage : 5.0 V)
VATT : LOUT (Pin 14) (Volume control
voltage : 0.2 V)
JIS-A filter used.
R-channel
RIN (Pin 26) : f = 1 kHz, VIN = 0.5 Vr.m.s.
VREF : ROUT (Pin 12) (Volume control
voltage : 5.0 V)
VATT : ROUT (Pin 12) (Volume control
voltage : 0.2 V)
JIS-A filter used.
L+R volume
ATTL+R
OFF
––––
5.0
–
attenuation
↓
LIN, RIN (Pin 25, 26) : f = 1 kHz,
0.2
VIN = 0.5 Vr.m.s.
VL+RREF : L+ROUT (Pin 13)
(L+R volume control voltage : 5.0 V)
VL+RATT : L+ROUT (Pin 13)
(L+R volume control voltage : 0.2 V)
JIS-A filter used.
Note 1.
OFF: OFF mode
2. VOL: Volume control voltage, BAL: Balance control voltage, TRE: Treble control voltage, BAS: Bass control voltage,
L+R: L+R volume control voltage, EFF: Effect control voltage, –: Undefined
VL+RATT
ATTL+R = 20 log
VL+RREF
Note 1
Control pin voltage (V) Note 2
VATT
ATTVOL = 20 log
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com